Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTR40 Datasheet(PDF) 9 Page - Interpoint Corporation Company

Part # MTR40
Description  MTR (40) Single, Dual and Triple DC-DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR40 Datasheet(HTML) 9 Page - Interpoint Corporation Company

Back Button MTR40 Datasheet HTML 5Page - Interpoint Corporation Company MTR40 Datasheet HTML 6Page - Interpoint Corporation Company MTR40 Datasheet HTML 7Page - Interpoint Corporation Company MTR40 Datasheet HTML 8Page - Interpoint Corporation Company MTR40 Datasheet HTML 9Page - Interpoint Corporation Company MTR40 Datasheet HTML 10Page - Interpoint Corporation Company MTR40 Datasheet HTML 11Page - Interpoint Corporation Company MTR40 Datasheet HTML 12Page - Interpoint Corporation Company MTR40 Datasheet HTML 13Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ALL MODELS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LEAD SOLDERING TEMPERATURE 1
10 seconds max.
300
°C
STORAGE TEMPERATURE 1
-65
+150
°C
CASE OPERATING
FULL POWER
-55
+125
°C
TEMPERATURE
ABSOLUTE 1
-55
+135
DERATING OUTPUT POWER/CURRENT 1
LINEARLY
From 100% at 125°C to 0% at 135°C
ESD RATING 1 CLASS 1
MIL-PRF-38534, 3.9.5.8.2
MIL-STD-883
METHOD 3015
0 - 1999
V
ISOLATION, ANY PIN TO CASE
EXCEPT CASE PIN
@ 500 VDC AT 25°C
100
Megohms
INPUT TO OUTPUT CAPACITANCE 1
SINGLES AND DUALS
50
pF
TRIPLES
100
CURRENT LIMIT 2
% OF FULL LOAD
125
%
AUDIO REJECTION 1
SINGLES AND DUALS
40
dB
TRIPLES
50
CONVERSION FREQUENCY
SINGLES AND DUALS
550
650
kHz
FREE RUN -55° TO +125°C
TRIPLES
525
650
SYNCHRONIZATION
INPUT FREQUENCY
SINGLES AND DUALS
500
675
kHz
TRIPLES
500
700
DUTY CYCLE 1
40
60
%
ACTIVE LOW
0.8
V
ACTIVE HIGH 1
4.5
5.0
REFERENCED TO
INPUT COMMON
IF NOT USED
CONNECT TO INPUT COMMON
INHIBIT ACTIVE LOW (OUTPUT DISABLED)
INHIBIT PIN PULLED
LOW
0.8
V
Do not apply a voltage to the inhibit pin. 3
INHIBIT PIN SOURCE
CURRENT 1
SINGLES AND DUALS
6
mA
TRIPLES
8
REFERENCED TO
INPUT COMMON
INHIBIT ACTIVE HIGH (OUTPUT ENABLED)
INHIBIT PIN CONDITION
OPEN COLLECTOR OR
UNCONNECTED
Do not apply a voltage to the inhibit pin. 3
OPEN INHIBIT PIN
VOLTAGE 1
9
11
V
Notes:
1. Guaranteed by design and/or analysis. Not an in-line test.
2. Dual and triple outputs: The over-current limit will trigger when the sum of the currents from both dual outputs or both auxiliary outputs (triple)
reaches 125% (typical value) of the maximum rated “total” current of both outputs.
3. An external inhibit interface should be used to pull the inhibit low or leave it floating. The inhibit pin can be left unconnected if not used.
table 5: operating ConDitions, all MoDels : 25°C tC, 28 vDC vin, 100% loaD, unless otherWise speCiFieD.
Crane Aerospace & Electronics Power Solutions
mTR (40) Single, Dual and Triple DC-DC Converters
28 (16-40) VOlT INPuT – 30 WaTT
www.craneae.com/interpoint
Page 9 of 26
MTR-01 Rev AA - 2013.09.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com