Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MGA2805SZ/883 Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # MGA2805SZ/883
Description  MSA/MGA Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MGA2805SZ/883 Datasheet(HTML) 7 Page - Interpoint Corporation Company

Back Button MGA2805SZ/883 Datasheet HTML 3Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 4Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 5Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 6Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 7Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 8Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 9Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 10Page - Interpoint Corporation Company MGA2805SZ/883 Datasheet HTML 11Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
table 9: eleCtriCal CharaCteristiCs: -55°C to +125°C tC, 28 vDC vin, 100% loaD, Free run, unless otherWise speCiFieD.
Notes
1.Guaranteedbyqualificationtestand/oranalysis.Notanin-linetest.
2.Anexternal2µHinductor,addedinseriestotheinput,isnecessaryto
maintainspecifications.
3.Indefiniteshortcircuitprotectionnotguaranteedabove125°C(case).
4.Recoverytimeismeasuredfromapplicationofthetransienttopointat
whichVoutiswithin1%ofVoutatfinalvalue.
5.Transitiontime>10µs.
MSA2805S
MSA285R2S
MSA/MGASINGLEOUTPUTMODELS
MGA2805S
(noMGA285R2S)
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAx
MIN
TYP
MAx
OUTPUTVOLTAGE
4.80
5.00
5.20
4.99
5.20
5.40
VDC
OUTPUTCURRENT
VIN=16to40VDC
0
1000
0
962
mA
OUTPUTPOWER
VIN=16to40VDC
0
5
0
5
W
OUTPUTRIPPLE
TC=25°C
125
350
110
335
mVp-p
10kHZ-2MHZ
TC=-55°CTO+125°C
525
525
LINEREGULATION
VIN=16TO40VDC
10
50
10
50
mV
LOADREGULATION
NOLOADTOFULL
10
50
10
50
mV
INPUTVOLTAGE
CONTINUOUS
16
28
40
16
28
40
VDC
NOLOADTOFULL
TRANSIENT50ms1
50
50
V
INPUTCURRENT
NOLOAD
27
40
28
40
mA
INHIBITED
3
5
3
4
INPUTRIPPLECURRENT2
10kHz-10MHz
30
200
30
150
mAp-p
EFFICIENCY
TC=25°C
66
71
66
71
%
TC=-55°CTO+125°C
64
64
LOADFAULT3,4
POWERDISSIPATION
2.0
2.2
W
SHORTCIRCUIT
RECOVERY1
75
75
ms
STEPLOADRESPONSE4,5
TRANSIENT
±750
±750
mVpk
50%-100%-50%
RECOVERY
1500
1500
µs
STEPLINERESPONSE1,4,5 TRANSIENT
±500
±500
mVpk
16-40-16VDC
RECOVERY
900
900
µs
START-UP
DELAY
75
751
ms
0-28VIN,FULLLOAD
OVERSHOOT1
200
500
mVpk
CAPACITIVELOAD1
TC=25°C
NOEFFECTONDC
PERFORMANCE
300
300
µF
Crane Aerospace & Electronics Power Solutions
MSA/MGA Single and Dual DC-DC Converters
28 Volt input – 5 WAtt
www.craneae.com/interpoint
Page7of15
MSA_MGARevAC-2013.06.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com