Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADT7461ARM Datasheet(PDF) 6 Page - Analog Devices

Part # ADT7461ARM
Description  짹1째C Temperature Monitor with Series Resistance Cancellation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7461ARM Datasheet(HTML) 6 Page - Analog Devices

Back Button ADT7461ARM Datasheet HTML 2Page - Analog Devices ADT7461ARM Datasheet HTML 3Page - Analog Devices ADT7461ARM Datasheet HTML 4Page - Analog Devices ADT7461ARM Datasheet HTML 5Page - Analog Devices ADT7461ARM Datasheet HTML 6Page - Analog Devices ADT7461ARM Datasheet HTML 7Page - Analog Devices ADT7461ARM Datasheet HTML 8Page - Analog Devices ADT7461ARM Datasheet HTML 9Page - Analog Devices ADT7461ARM Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADT7461
PIN CONFIGURATION AND PIN FUNCTION DESCRIPTIONS
SCLK
SDATA
ALERT/THERM2
GND
1
VDD
ADT7461
TOP VIEW
(Not to Scale)
8
2
D+
7
3
D–
6
4
THERM
5
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Positive Supply, 3 V to 5.5 V.
2
D+
Positive Connection to Remote Temperature Sensor.
3
D−
Negative Connection to Remote Temperature Sensor.
4
THERM
Open-Drain Output that can be used to turn a fan on/off or throttle a CPU clock in the event of an
overtemperature condition. Requires pull-up to VDD.
5
GND
Supply Ground Connection.
6
ALERT/THERM2
Open-Drain Logic Output used as interrupt or SMBus alert. This may also be configured as a second THERM
output. Requires pull-up resistor.
7
SDATA
Logic Input/Output, SMBus Serial Data. Open-drain output. Requires pull-up resistor.
8
SCLK
Logic Input, SMBus Serial Clock. Requires pull-up resistor.
Rev. 0 | Page 6 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com