| Electronic Components Datasheet Search |
|
LM10524TME-A/NOPB Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM10524TME-A/NOPB Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 44 page ![]() C1 47uF L3 1.0uH 1.1 to 3.6V, 1.6A 0.7 to 1.95V, 2.5A C6 4.7uF L1 2.2uH BUCK1 BUCK2 BUCK3 SPI SW_B3 FB_B3 VIN_B3 FB_B2 SW_B2 VIN_B2 SW_B1 VIN_B1 FB_B1 SPI_CS SPI_CLK SPI_DO SPI_DI VIN IRQ Vcomp L2 2.2uH 1.1 to 3.6V, 1.0A C7 4.7uF C5 4.7uF C8 2.2uF Host 3 Domain Vcore 1.0V Host 1 Flash Vcc 2.85V ASIC / SoC Host 2 Domain Vccq 1.8V LM10524 System Control C2 47uF C3 47uF COMP DEVSLP_OVR2 DEVSLP_OVR1 VIN_IO C4 2.2uF IO Input Supply DEVSLP POWERUP_MODE DEVSLP_ CTRL PWR_OK Power Supply 3.3 / 5.5V SLEEP_EN LM10524 SNVS986A – AUGUST 2013 – REVISED JANUARY 2014 www.ti.com Typical Application Diagram 2 Copyright © 2013–2014, Texas Instruments Incorporated Product Folder Links: LM10524 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |