Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS2522B Datasheet(PDF) 10 Page - ams AG

Part # AS2522B
Description  Telephone Line Interface and Speakerphone Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2522B Datasheet(HTML) 10 Page - ams AG

Back Button AS2522B Datasheet HTML 6Page - ams AG AS2522B Datasheet HTML 7Page - ams AG AS2522B Datasheet HTML 8Page - ams AG AS2522B Datasheet HTML 9Page - ams AG AS2522B Datasheet HTML 10Page - ams AG AS2522B Datasheet HTML 11Page - ams AG AS2522B Datasheet HTML 12Page - ams AG AS2522B Datasheet HTML 13Page - ams AG AS2522B Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Data Sheet AS2522B
austriamicrosystems
Revision 3.4
Page 10 of 19
Control registers AS2522A, AS2522B
Default value
after reset
AA AA D D D D
32 10 32 10
1
0
0
0 16 gains
Handsfree receive endgain
0111
Data
RXgain
TXgain
0x0
-20dB
-30dB
Min. receive volume
::
0xF
0dB
-50dB
Max. receive volume
1
0
0
1
x
x
x
x
Handsfree switching characteristic
1000
off1 off0: BGN-offset
0
0
120mV
0
1
180mV
1
0
240mV
1
1
300mV
Hfs1 HFs0: Speed of voice switching
0
0
max speed
01
10
1
1
min speed
1
0
1
0 16 gains
Transmit gain [16], 16 steps, 1dB stepsize
0111
Data
HS-mode
HF-mode
0x0
30dB
39dB
::
:
0xF
45dB
54dB
1
0
1
1 16 gains
Receive gain [16], 16 steps, 1dB stepsize
0111
Data
HS-mode
HF-mode
0x0
-6dB
22dB
::
:
0xF
+9dB
37dB
1
1
0
0
x
x
x
x
FSK-mode, LLC[2], LI-Voltage
0111
AS2522B:
FSK: Frequency select in single tone mode AS2522B ONLY
FSK:
0
Single Tone frequencies are read from Addr. 4:
frequ1, frequ0
1
Single Tone frequencies are read from Addr. 1:
f4,f3,f2,f1
AS2522A
FSK: For factory test only !
LIV: Voltage at pin LI
0...3.5V, 1...4.5V
LLC1 LLC0: Line loss compensation setting
0
0
20mA-50mA
0
1
NO Line loss compensation
1
0
45-75mA
1
1
NO Line loss compensation
1
1
0
1
x
x
x
x
Mute, Lh, Hf, Hook Switch
0000
Mute: Mute transmit
0...OFF,
1...ON
HisHfLh
0x
x
On Hook
1
0
0
Off Hook, Handset mode
1
1
0
Off Hook, Handfree mode
1
1
1
Off Hook, Loudhearing mode
11
10
x
x
x
x
Krat5,Test3,Test2,Test1: For factory test only !
0000
11
11 x
x
x
x
Reset to defaults
na
Address
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com