Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS2522BQ Datasheet(PDF) 2 Page - ams AG

Part # AS2522BQ
Description  Telephone Line Interface and Speakerphone Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2522BQ Datasheet(HTML) 2 Page - ams AG

  AS2522BQ Datasheet HTML 1Page - ams AG AS2522BQ Datasheet HTML 2Page - ams AG AS2522BQ Datasheet HTML 3Page - ams AG AS2522BQ Datasheet HTML 4Page - ams AG AS2522BQ Datasheet HTML 5Page - ams AG AS2522BQ Datasheet HTML 6Page - ams AG AS2522BQ Datasheet HTML 7Page - ams AG AS2522BQ Datasheet HTML 8Page - ams AG AS2522BQ Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Data Sheet AS2522B
austriamicrosystems
Revision 3.4
Page 2 of 19
Pin description
Pin #
Symbol
Function
13
LS
Line Current Sense Input
Analog input for sensing the line current
10
LI
Line Input
Analog input used for power extraction and line current sensing
11
RI
Receive Input
Analog input for ac-separated receive signal
7STB
Side Tone Balance Input
Analog input for side tone cancellation network
8CS
Current Shunt Control Output
N-channel open drain output to control the external high power shunt transistor for
synthesizing AC- and DC-impedance, modulation of line voltage and shorting the line during
make periods of pulse dialing
14
CI
Complex Impedance Input
Analog input pin for the capacitor to program a complex impedance
12
SS
Supply Source Control Output
N-channel open drain output to control the external high power source transistor for supplying
(Vpp) the loudspeaker amplifier in off-hook loudspeaking/handsfree mode
9
VSS
Voltage Source Source
Negative Analog Power Supply
18
VDD
Voltage Drain Drain
Positive Analog Power Supply
19
AGND
Analog Ground
Special ground for the internal amplifiers
6M1
Microphone Input 1
Differential input for the handset microphone (electret)
4M2
Microphone Input 2
Differential input for the handset microphone (electret)
5M3
Microphone Input 3
Differential input for the handsfree microphone (electret)
3M4
Microphone Input 4
Differential input for the handsfree microphone (electret)
17
RO
Receive Output to Handset
Output for driving a dynamic earpiece with an impedance from 150
Ω to 300Ω
31
OSC
Oscillator Input
Input for ceramic resonator 3.58MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com