Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT49BV320C Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT49BV320C
Description  32-megabit (2M x 16) 3-volt Only Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV320C Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT49BV320C Datasheet HTML 17Page - ATMEL Corporation AT49BV320C Datasheet HTML 18Page - ATMEL Corporation AT49BV320C Datasheet HTML 19Page - ATMEL Corporation AT49BV320C Datasheet HTML 20Page - ATMEL Corporation AT49BV320C Datasheet HTML 21Page - ATMEL Corporation AT49BV320C Datasheet HTML 22Page - ATMEL Corporation AT49BV320C Datasheet HTML 23Page - ATMEL Corporation AT49BV320C Datasheet HTML 24Page - ATMEL Corporation AT49BV320C Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
AT49BV320C(T)
3372D–FLASH–5/04
Notes:
1. X can be V
IL or VIH.
2. Refer to AC programming waveforms on page 26.
3. V
H = 12.0V ± 0.5V.
4. Manufacturer Code: 001FH, Device Code: 88C5H – AT49BV320C; 88C4H – AT49BV320CT
5. V
IHPP (min) = 0.9V; VIHPP (max) = 1.95V.
6. V
ILPP (max) = 0.4V.
DC and AC Operating Range
AT49BV320C(T)-70
Operating
Temperature (Case)
Ind.
-40°C - 85°C
V
CC Power Supply
2.65V to 3.6V
Operating Modes
Mode
CE
OE
WE
RESET
V
PP
Ai
I/O
Read
V
IL
V
IL
V
IH
V
IH
XAi
D
OUT
Program/Erase
(2)
V
IL
V
IH
V
IL
V
IH
V
IHPP
(5)
Ai
D
IN
Standby/Program Inhibit
V
IH
X(1)
XV
IH
X
X
High-Z
Program Inhibit
XX
V
IH
V
IH
X
XV
IL
XV
IH
X
XXX
V
IH
V
ILPP
(6)
Output Disable
X
V
IH
XV
IH
X
High-Z
Reset
XXX
V
IL
X
X
High-Z
Product Identification Software
V
IH
A0 = V
IL, A1 - A20 = VIL
Manufacturer Code(4)
A0 = V
IH, A1 - A20 = VIL
Device Code
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com