Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM25574MT/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM25574MT/NOPB
Description  SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25574MT/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM25574MT/NOPB Datasheet HTML 8Page - Texas Instruments LM25574MT/NOPB Datasheet HTML 9Page - Texas Instruments LM25574MT/NOPB Datasheet HTML 10Page - Texas Instruments LM25574MT/NOPB Datasheet HTML 11Page - Texas Instruments LM25574MT/NOPB Datasheet HTML 12Page - Texas Instruments LM25574MT/NOPB Datasheet HTML 13Page - Texas Instruments LM25574MT/NOPB Datasheet HTML 14Page - Texas Instruments LM25574MT/NOPB Datasheet HTML 15Page - Texas Instruments LM25574MT/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
VinMIN =
Vout + VD
1 - Fs x 500 ns
RAMP
VCC
CRAMP
RRAMP
LM25574, LM25574-Q1
SNVS483G – JANUARY 2007 – REVISED APRIL 2013
www.ti.com
For duty cycles greater than 50%, peak current mode control circuits are subject to sub-harmonic oscillation.
Sub-harmonic oscillation is normally characterized by observing alternating wide and narrow pulses at the switch
node. Adding a fixed slope voltage ramp (slope compensation) to the current sense signal prevents this
oscillation. The 50µA of offset current provided from the emulated current source adds some fixed slope to the
ramp signal. In some high output voltage, high duty cycle applications, additional slope may be required. In these
applications, a pull-up resistor may be added between the VCC and RAMP pins to increase the ramp slope
compensation.
For VOUT > 7.5V:
Calculate optimal slope current, IOS = VOUT x 10µA/V.
For example, at VOUT = 10V, IOS = 100µA.
Install a resistor from the RAMP pin to VCC:
RRAMP = VCC / (IOS - 50µA)
Figure 14. RRAMP to VCC for VOUT > 7.5V
Maximum Duty Cycle / Input Drop-out Voltage
There is a forced off-time of 500ns implemented each cycle to guarantee sufficient time for the diode current to
be sampled. This forced off-time limits the maximum duty cycle of the buck switch. The maximum duty cycle will
vary with the operating frequency.
DMAX = 1 - Fs x 500ns
(3)
Where Fs is the oscillator frequency. Limiting the maximum duty cycle will raise the input dropout voltage. The
input dropout voltage is the lowest input voltage required to maintain regulation of the output voltage. An
approximation of the input dropout voltage is:
(4)
Where VD is the voltage drop across the re-circulatory diode. Operating at high switching frequency raises the
minimum input voltage necessary to maintain regulation.
Current Limit
The LM25574 contains a unique current monitoring scheme for control and over-current protection. When set
correctly, the emulated current sense signal provides a signal which is proportional to the buck switch current
with a scale factor of 2.0 V / A. The emulated ramp signal is applied to the current limit comparator. If the
emulated ramp signal exceeds 1.4V (0.7A) the present current cycle is terminated (cycle-by-cycle current
limiting). In applications with small output inductance and high input voltage the switch current may overshoot
due to the propagation delay of the current limit comparator. If an overshoot should occur, the diode current
sampling circuit will detect the excess inductor current during the off-time of the buck switch. If the sample & hold
DC level exceeds the 1.4V current limit threshold, the buck switch will be disabled and skip pulses until the diode
current sampling circuit detects the inductor current has decayed below the current limit threshold. This approach
prevents current runaway conditions due to propagation delays or inductor saturation since the inductor current is
forced to decay following any current overshoot.
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM25574 LM25574-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com