Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXTA24N65X2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTA24N65X2
Description  Preliminary Technical Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTA24N65X2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTA24N65X2 Datasheet HTML 1Page - IXYS Corporation IXTA24N65X2 Datasheet HTML 2Page - IXYS Corporation IXTA24N65X2 Datasheet HTML 3Page - IXYS Corporation IXTA24N65X2 Datasheet HTML 4Page - IXYS Corporation IXTA24N65X2 Datasheet HTML 5Page - IXYS Corporation IXTA24N65X2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTA24N65X2
IXTP24N65X2
IXTH24N65X2
Fig. 8. Input Admittance
0
4
8
12
16
20
24
28
32
36
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
VGS - Volts
TJ = 125ºC
25ºC
- 40ºC
Fig. 7. Maximum Drain Current vs. Case Temperature
0
4
8
12
16
20
24
28
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
Fig. 9. Transconductance
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
35
40
ID - Amperes
TJ = - 40ºC
125ºC
25ºC
Fig. 10. Forward Voltage Drop of Intrinsic Diode
0
10
20
30
40
50
60
70
80
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
VSD - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 11. Gate Charge
0
2
4
6
8
10
0
4
8
1216
202428
3236
QG - NanoCoulombs
VDS = 325V
I D = 12A
I G = 10mA
Fig. 12. Capacitance
0.1
1
10
100
1000
10000
100000
1
10
100
1000
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com