Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXTH52N65X Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH52N65X
Description  X-Class
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH52N65X Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH52N65X Datasheet HTML 1Page - IXYS Corporation IXTH52N65X Datasheet HTML 2Page - IXYS Corporation IXTH52N65X Datasheet HTML 3Page - IXYS Corporation IXTH52N65X Datasheet HTML 4Page - IXYS Corporation IXTH52N65X Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2015 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
650
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
650
V
V
GSS
Continuous
30
V
V
GSM
Transient
40
V
I
D25
T
C = 25C52
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
104
A
P
D
T
C = 25C
660
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque
1.13/10
Nm/lb.in
Weight
6
g
DS100604D(6/15)
X-Class
Power MOSFET
N-Channel Enhancement Mode
IXTH52N65X
V
DSS
= 650V
I
D25
= 52A
R
DS(on)
 68m
Features
International Standard Package
Low R
DS(ON) and QG
Low Package Inductance
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
Switch-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
PFC Circuits
AC and DC Motor Drives
Robotics and Servo Controls
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
650
V
V
GS(th)
V
DS = VGS, ID = 250μA
3.0
5.0
V
I
GSS
V
GS = 30V, VDS = 0V
100 nA
I
DSS
V
DS = VDSS, VGS = 0V
10
A
T
J = 125C
100
A
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
68 m
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247 (IXTH)
G
S
Tab
D


Similar Part No. - IXTH52N65X

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTH52N65X ISC-IXTH52N65X Datasheet
368Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH52N65X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
2 x 120 W class-D power amplifier
2003 Jul 28
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
logo
Princeton Technology Co...
PT2004 PTC-PT2004 Datasheet
226Kb / 3P
2.2W x 2 Class-D Audio Power Amplifier
logo
Cree, Inc
C450UT190-S1200-31 CREE-C450UT190-S1200-31 Datasheet
304Kb / 6P
Small Chip 190 x 190 x 50 Class 2 ESD Rating
Rev A
logo
NXP Semiconductors
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
logo
IXYS Corporation
IXFA20N85XHV IXYS-IXFA20N85XHV Datasheet
293Kb / 6P
X-Class HiPerFETTM
IXFT50N85XHV IXYS-IXFT50N85XHV Datasheet
293Kb / 6P
X-Class HiPerFETTM
logo
Princeton Technology Co...
PT2832 PTC-PT2832 Datasheet
309Kb / 5P
22W x 2, Class-D Audio Power Amplifier
PT2831 PTC-PT2831 Datasheet
222Kb / 5P
15W x 2, Class-D Audio Power Amplifier
logo
RFE international
MKX1 RFE-MKX1 Datasheet
489Kb / 3P
Interference Suppression Capacitors MKX1: X-1 Class
09-JUN-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com