| Electronic Components Datasheet Search |
|
SN74HC32DBLE Datasheet(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74HC32DBLE Datasheet(HTML) 10 Page - Texas Instruments |
|
10 / 30 page ![]() VCC Input 1 0.1 PF Input 2 Input 3 Input 4 Output 1 Output 2 Output 3 Output 4 Enable Copyright © 2016, Texas Instruments Incorporated 10 SN54HC32, SN74HC32 SCLS200E – DECEMBER 1982 – REVISED JULY 2016 www.ti.com Product Folder Links: SN54HC32 SN74HC32 Submit Documentation Feedback Copyright © 1982–2016, Texas Instruments Incorporated 9 Application and Implementation NOTE Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 9.1 Application Information The SNx4HC32 is an extremely versatile device with far more available applications than could be listed here. The application chosen as an example is using all four OR gates in a single package to provide a four channel output enable from a single active low enable signal (Enable). This circuit outputs a logic HIGH on all channels when disabled (Enable is HIGH), and passes the input signals when enabled (Enable is LOW). 9.2 Typical Application Using a quad OR gate as a 4-channel active low enable with high output off state. Figure 6. Typical Application Schematic 9.2.1 Design Requirements This device uses CMOS technology and has balanced output drive. Take care to avoid bus contention because it can drive currents that would exceed maximum limits. The high drive also creates fast edges into light loads, so routing and load conditions must be considered to prevent ringing. The minimum output pulse time is approximately three times tpd from Switching Characteristics for the selected VCC, device, and temperature range. 9.2.2 Detailed Design Procedure Logic • All four input channels are to be enabled or disabled simultaneously • The enable signal is active low (LOW = enabled, HIGH = disabled) • All four outputs are to output logic HIGH while disabled Inputs • Each input must follow requirements specified in Absolute Maximum Ratings: – Avoid exceeding input voltages |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |