Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2727MTC/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2727MTC/NOPB
Description  LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2727MTC/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2727MTC/NOPB Datasheet HTML 17Page - Texas Instruments LM2727MTC/NOPB Datasheet HTML 18Page - Texas Instruments LM2727MTC/NOPB Datasheet HTML 19Page - Texas Instruments LM2727MTC/NOPB Datasheet HTML 20Page - Texas Instruments LM2727MTC/NOPB Datasheet HTML 21Page - Texas Instruments LM2727MTC/NOPB Datasheet HTML 22Page - Texas Instruments LM2727MTC/NOPB Datasheet HTML 23Page - Texas Instruments LM2727MTC/NOPB Datasheet HTML 24Page - Texas Instruments LM2727MTC/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LM2727, LM2737
www.ti.com
SNVS205D – AUGUST 2002 – REVISED MARCH 2013
Table 3. Bill of Materials for Circuit of Figure 26 (continued)
ID
Part Number
Type
Size
Parameters
Qty.
Vendor
Cc2
VJ1206A102KXX
Capacitor
1206
1nF 10%
1
Vishay
Rin
CRCW1206100J
Resistor
1206
10
Ω 5%
1
Vishay
Rfadj
CRCW12068872F
Resistor
1206
88.7k
Ω 1%
1
Vishay
Rc1
CRCW12062293F
Resistor
1206
229k
Ω 1%
1
Vishay
Rfb1
CRCW12064991F
Resistor
1206
4.99k
Ω 1%
1
Vishay
Rfb2
CRCW12064991F
Resistor
1206
4.99k
Ω 1%
1
Vishay
Rcs
CRCW1206152J
Resistor
1206
1.5k
Ω 5%
1
Vishay
Table 4. Bill of Materials for Circuit of Figure 27
ID
Part Number
Type
Size
Parameters
Qty.
Vendor
U1
LM2727
Synchronous
TSSOP-14
1
Texas
Controller
Instruments
Q1/Q2
Si4826DY
Asymetric Dual
SO-8
30V, 24m
Ω/ 8nC
1
Vishay
N-MOSFET
Top 16.5m
Ω/ 15nC
L1
DO3316P-222
Inductor
12.95x9.4x 5.21mm
2.2µH, 6.1A, 12m
Ω
1
Coilcraft
Cin1
10TPB100ML
POSCAP
7.3x4.3x3.1mm
100µF 10V 1.9Arms
1
Sanyo
Co1
4TPB220ML
POSCAP
7.3x4.3x3.1mm
220µF 4V 1.9Arms
1
Sanyo
Cc
C3216X7R1E105K
Capacitor
1206
1µF, 25V
1
TDK
Cin
C3216X7R1E225K
Capacitor
1206
2.2µF, 25V
1
TDK
Css
VJ1206X123KXX
Capacitor
1206
12nF, 25V
1
Vishay
Cc1
VJ1206A100KXX
Capacitor
1206
10pF 10%
1
Vishay
Cc2
VJ1206A561KXX
Capacitor
1206
560pF 10%
1
Vishay
Rin
CRCW1206100J
Resistor
1206
10
Ω 5%
1
Vishay
Rfadj
CRCW12064222F
Resistor
1206
42.2k
Ω 1%
1
Vishay
Rc1
CRCW12065112F
Resistor
1206
51.1k
Ω 1%
1
Vishay
Rfb1
CRCW12062491F
Resistor
1206
2.49k
Ω 1%
1
Vishay
Rfb2
CRCW12064991F
Resistor
1206
4.99k
Ω 1%
1
Vishay
Rcs
CRCW1206272J
Resistor
1206
2.7k
Ω 5%
1
Vishay
Table 5. Bill of Materials for Circuit of Figure 28
ID
Part Number
Type
Size
Parameters
Qty.
Vendor
U1
LM2727
Synchronous
TSSOP-14
1
Texas
Controller
Instruments
Q1
Si4884DY
N-MOSFET
SO-8
30V, 13.5m
Ω, @ 4.5V
1
Vishay
15.3nC
Q2
Si4884DY
N-MOSFET
SO-8
30V, 13.5m
Ω, @ 4.5V
1
Vishay
15.3nC
D1
BAT-54
Schottky Diode
SOT-23
30V
1
Vishay
Lin
P1166.102T
Inductor
7.29x7.29 3.51mm
1µH, 11A 3.7m
Ω
1
Pulse
L1
P1168.102T
Inductor
12x12x4.5 mm
1µH, 11A, 3.7m
Ω
1
Pulse
Cin1
10MV5600AX
Aluminum
16mm D 25mm H
5600µF 10V 2.35Arms
1
Sanyo
Electrolytic
Cinx
C3216X7R1E105K
Capacitor
1206
1µF, 25V
1
TDK
Co1, Co2,
16MV4700WX
Aluminum
12.5mm D 30mm H
4700µF 16V 2.8Arms
2
Sanyo
Co3
Electrolytic
Cboot
VJ1206X104XXA
Capacitor
1206
0.1µF, 25V
1
Vishay
Cin
C3216X7R1E225K
Capacitor
1206
2.2µF, 25V
1
TDK
Css
VJ1206X123KXX
Capacitor
1206
12nF, 25V
1
Vishay
Cc1
VJ1206A4R7KXX
Capacitor
1206
4.7pF 10%
1
Vishay
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2727 LM2737



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com