Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2794TL/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2794TL/NOPB
Description  LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2794TL/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM2794TL/NOPB Datasheet HTML 1Page - Texas Instruments LM2794TL/NOPB Datasheet HTML 2Page - Texas Instruments LM2794TL/NOPB Datasheet HTML 3Page - Texas Instruments LM2794TL/NOPB Datasheet HTML 4Page - Texas Instruments LM2794TL/NOPB Datasheet HTML 5Page - Texas Instruments LM2794TL/NOPB Datasheet HTML 6Page - Texas Instruments LM2794TL/NOPB Datasheet HTML 7Page - Texas Instruments LM2794TL/NOPB Datasheet HTML 8Page - Texas Instruments LM2794TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM2794/95
C1+
GND
BRGT
D1
D2
VIN
POUT
C1-
SD
ISET
RSET
1PF
C2-
C1
CIN
1PF
C2
1PF
CHOLD
1PF
D3
D4
C2+
LED2
LED1
LED3
LED4
LM2794, LM2795
www.ti.com
SNVS168L – JANUARY 2002 – REVISED MAY 2013
LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and
PWM Brightness Control
Check for Samples: LM2794, LM2795
1
FEATURES
APPLICATIONS
2
•
Regulated Current Sources with ±0.5%
•
White LED Display Backlights
Matching between any Two Outputs
•
White LED Keypad Backlights
•
High Efficiency 3/2 Boost Function
•
1-Cell Li-Ion Battery-Operated Equipment
•
Drives One, Two, Three or four White LEDs
Including PDAs, Hand-Held PCs, Cellular
Phones
•
2.7V to 5.5V Input Voltage
•
Up to 80mA Output Current
DESCRIPTION
•
Analog Brightness Control
The LM2794/95 is a fractional CMOS charge-pump
•
Active-Low or High Shutdown Input ('94/95)
that provides four regulated current sources. It
accepts an input voltage range from 2.7V to 5.5V and
•
Very Small Solution Size and no Inductor
maintains a constant current determined by an
•
2.3µA (typ.) Shutdown Current
external sense resistor.
•
325kHz Switching Frequency (min.)
The LM2794/5 delivers up to 80mA of load current to
•
Constant Frequency Generates Predictable
accommodate
four
White
LEDs.
The
switching
Noise Spectrum
frequency is 325kHz. (min.) to keep the conducted
•
Thin DSBGA Package: 2.08mm X 2.403mm X
noise spectrum away from sensitive frequencies
0.600mm High
within portable RF devices.
Basic Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2794TL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2794TL/NOPB TI2-LM2794TL/NOPB Datasheet
692Kb / 23P
LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
REVISED MAY 2013
LM2794TL/NOPB.A TI2-LM2794TL/NOPB.A Datasheet
692Kb / 23P
LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
REVISED MAY 2013
More results

Similar Description - LM2794TL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2794 NSC-LM2794 Datasheet
487Kb / 16P
Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
TPS60231 TI-TPS60231 Datasheet
409Kb / 16P
WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
LM2794 TI1-LM2794_14 Datasheet
1Mb / 21P
Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
SG Micro Corp
SGM3124 SGMICRO-SGM3124 Datasheet
378Kb / 17P
White LED Charge Pump Current Source with PWM Brightness Control
logo
Texas Instruments
LM2791 TI1-LM2791 Datasheet
1Mb / 18P
LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
TPS60230 TI1-TPS60230_14 Datasheet
989Kb / 21P
WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com