Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83959 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83959
Description  8-Port Lite Ethernet Repeater Interface Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83959 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button DP83959 Datasheet HTML 19Page - National Semiconductor (TI) DP83959 Datasheet HTML 20Page - National Semiconductor (TI) DP83959 Datasheet HTML 21Page - National Semiconductor (TI) DP83959 Datasheet HTML 22Page - National Semiconductor (TI) DP83959 Datasheet HTML 23Page - National Semiconductor (TI) DP83959 Datasheet HTML 24Page - National Semiconductor (TI) DP83959 Datasheet HTML 25Page - National Semiconductor (TI) DP83959 Datasheet HTML 26Page - National Semiconductor (TI) DP83959 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
23
6.0
LERIC8 Registers (Continued)
www.national.com
6.2
LERIC8 STATUS REGISTER
Address:
RA4 - RA0
0 0000 - lower nibble
1 0000 - upper nibble
Bit
Bit Name
Access
Bit Description
D0
/ACOL
RO
Any Collision:
0 = A collision is occurring at one or more of this LERIC8's ports
1 = No collisions
D1
/AREC
RO
Any Receive:
0 = One of this LERIC8's ports is the current data or collision receiver
1 = No data packet or collision reception within this LERIC8
D2
/JAB
RO
Jabber Protect:
0 = This LERIC8 has been forced into the Jabber Protect state by one of
its ports or by another port on another LERIC8 connected to this LERIC8's
Inter-LERIC bus
1 = No Jabber Protect conditions exist currently
D3
/APART
RO
Any Partition:
0 = One or more ports of this LERIC8 are partitioned
1 = No ports are partitioned
D4
Reserved
RO
Reserved - Don't care
D5
Reserved
RO
Reserved - Don't care
D6
Reserved
RO
Reserved - Don't care
D7
Reserved
RO
Reserved - Don't care
Key: RO = Read Only, R/W = Read Write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com