Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2941CSX Datasheet(PDF) 17 Page - Texas Instruments

Part # LM2941CSX
Description  1A Low Dropout Adjustable Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2941CSX Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM2941CSX Datasheet HTML 13Page - Texas Instruments LM2941CSX Datasheet HTML 14Page - Texas Instruments LM2941CSX Datasheet HTML 15Page - Texas Instruments LM2941CSX Datasheet HTML 16Page - Texas Instruments LM2941CSX Datasheet HTML 17Page - Texas Instruments LM2941CSX Datasheet HTML 18Page - Texas Instruments LM2941CSX Datasheet HTML 19Page - Texas Instruments LM2941CSX Datasheet HTML 20Page - Texas Instruments LM2941CSX Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LM2941, LM2941C
www.ti.com
SNVS770I – JUNE 1999 – REVISED JANUARY 2015
10.4 Thermal Considerations
10.4.1 TO-263 Mounting
The thermal dissipation of the TO-263 package is directly related to the printed circuit board construction and the
amount of additional copper area connected to the TAB.
The TAB on the bottom of the TO-263 package is connected to the die substrate via a conductive die attach
adhesive, and to device pin 3. As such, it is strongly recommend that the TAB area be connected to copper area
directly under the TAB that is extended into the ground plane via multiple thermal vias. Alternately, but not
recommended, the TAB may be left floating (i.e. no direct electrical connection). The TAB must not be connected
to any potential other than ground.
10.4.2 WSON Mounting
The NGN (Pullback) 8-Lead WSON package requires specific mounting techniques which are detailed in
Application Note 1187: Leadless Leadframe Package (LLP) (SNOA401). Referring to the section PCB Design
Recommendations in AN-1187, it should be noted that the pad style which should be used with the WSON
package is the NSMD (non-solder mask defined) type.
The thermal dissipation of the WSON package is directly related to the printed circuit board construction and the
amount of additional copper area connected to the DAP.
The DAP (exposed pad) on the bottom of the WSON package is connected to the die substrate via a conductive
die attach adhesive, and to device pin 2 and pin 7. As such, it is strongly recommend that the DAP area be
connected copper area directly under the DAP that is extended into the ground plane via multiple thermal vias.
Alternately, but not recommended, the DAP area may be left floating (i.e. no direct electrical connection). The
DAP area must not be connected to any potential other than ground.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM2941 LM2941C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30