Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2941CSX/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM2941CSX/NOPB
Description  1A Low Dropout Adjustable Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2941CSX/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM2941CSX/NOPB Datasheet HTML 16Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 17Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 18Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 19Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 20Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 21Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 22Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 23Page - Texas Instruments LM2941CSX/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
27-Jul-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM2941-MD8
ACTIVE
DIESALE
Y
0
221
Green (RoHS
& no Sb/Br)
Call TI
Level-1-NA-UNLIM
LM2941CS
NRND
DDPAK/
TO-263
KTT
5
45
TBD
Call TI
Call TI
0 to 125
LM2941CS
P+
LM2941CS/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
0 to 125
LM2941CS
P+
LM2941CSX
NRND
DDPAK/
TO-263
KTT
5
TBD
Call TI
Call TI
0 to 125
LM2941CS
P+
LM2941CSX/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
0 to 125
LM2941CS
P+
LM2941CT
NRND
TO-220
KC
5
45
TBD
Call TI
Call TI
0 to 125
LM2941CT
P+
LM2941CT/LB03
NRND
TO-220
NDH
5
TBD
Call TI
Call TI
LM2941CT/LF03
ACTIVE
TO-220
NDH
5
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
LM2941CT
P+
LM2941CT/LF04
ACTIVE
TO-220
NEB
5
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
LM2941CT
P+
LM2941CT/NOPB
ACTIVE
TO-220
KC
5
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
0 to 125
LM2941CT
P+
LM2941LD
NRND
WSON
NGN
8
1000
TBD
Call TI
Call TI
-40 to 125
L2941LD
LM2941LD/NOPB
ACTIVE
WSON
NGN
8
1000
Green (RoHS
& no Sb/Br)
CU NIPDAU | CU SN
Level-3-260C-168 HR
-40 to 125
L2941LD
LM2941LDX
NRND
WSON
NGN
8
TBD
Call TI
Call TI
-40 to 125
L2941LD
LM2941LDX/NOPB
ACTIVE
WSON
NGN
8
4500
Green (RoHS
& no Sb/Br)
CU NIPDAU | CU SN
Level-3-260C-168 HR
-40 to 125
L2941LD
LM2941S
NRND
DDPAK/
TO-263
KTT
5
45
TBD
Call TI
Call TI
-40 to 125
LM2941S
P+
LM2941S/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LM2941S
P+
LM2941SX
NRND
DDPAK/
TO-263
KTT
5
500
TBD
Call TI
Call TI
-40 to 125
LM2941S
P+
LM2941SX/NOPB
ACTIVE
DDPAK/
TO-263
KTT
5
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LM2941S
P+
LM2941T
NRND
TO-220
KC
5
45
TBD
Call TI
Call TI
-40 to 125
LM2941T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com