| Electronic Components Datasheet Search |
|
LM2941CT/LB03 Datasheet(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM2941CT/LB03 Datasheet(HTML) 18 Page - Texas Instruments |
|
18 / 30 page ![]() LM2941, LM2941C SNVS770I – JUNE 1999 – REVISED JANUARY 2015 www.ti.com 11 Device and Documentation Support 11.1 Device Support 11.1.1 Definition of Terms Dropout Voltage The input-voltage differential at which the circuit ceases to regulate against further reduction in input voltage. Measured when the output voltage has dropped 100 mV from the nominal value obtained at (VOUT + 5 V) input, dropout voltage is dependent upon load current and junction temperature. Input-Output Differential The voltage difference between the unregulated input voltage and the regulated output voltage for which the regulator will operate. Input Voltage The DC voltage applied to the input terminals with respect to ground. Line Regulation The change in output voltage for a change in the input voltage. The measurement is made under conditions of low dissipation or by using pulse techniques such that the average chip temperature is not significantly affected. Load Regulation The change in output voltage for a change in load current at constant chip temperature. Long Term Stability Output voltage stability under accelerated life-test conditions after 1000 hours with maximum rated voltage and junction temperature. Output Noise Voltage The rms AC voltage at the output, with constant load and no input ripple, measured over a specified frequency range. Quiescent Current That part of the positive input current that does not contribute to the positive load current. The regulator ground lead current. Ripple Rejection The ratio of the peak-to-peak input ripple voltage to the peak-to-peak output ripple voltage. Temperature Stability of VOUT The percentage change in output voltage for a thermal variation from room temperature to either temperature extreme. 11.2 Documentation Support 11.2.1 Related Documentation • AN-1520: A Guide to Board Layout for Best Thermal Resistance for Exposed Packages (SNVA183) • AN-1187: Leadless Leadframe Package (LLP) (SNOA401) • AN-2020: Thermal Design By Insight, Not Hindsight (SNVA419) 11.3 Related Links Table 1 below lists quick access links. Categories include technical documents, support and community resources, tools and software, and quick access to sample or buy. Table 1. Related Links TECHNICAL TOOLS & SUPPORT & PARTS PRODUCT FOLDER SAMPLE & BUY DOCUMENTS SOFTWARE COMMUNITY LM2941 Click here Click here Click here Click here Click here LM2941C Click here Click here Click here Click here Click here 11.4 Trademarks All trademarks are the property of their respective owners. 11.5 Electrostatic Discharge Caution These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. 18 Submit Documentation Feedback Copyright © 1999–2015, Texas Instruments Incorporated Product Folder Links: LM2941 LM2941C |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |