Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXYA20N65B3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXYA20N65B3
Description  Advance Technical Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYA20N65B3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXYA20N65B3 Datasheet HTML 1Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 2Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 3Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 4Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 5Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2015 IXYS CORPORATION, All Rights Reserved
IXYA20N65B3
IXYP20N65B3
IXYH20N65B3
V
CES
= 650V
I
C110
= 20A
V
CE(sat) 



 2.10V
t
fi(typ)
= 87ns
DS100644(02/15)
Extreme Light Punch Through
IGBT for 5-30kHz Switching
Features
Optimized for 5-30kHz Switching
Square RBSOA
Avalanche Rated
Short Circuit Capability
International Standard Packages
Advantages
High Power Density
Extremely Rugged
Low Gate Drive Requirement
Applications
Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
A, V
GE = 0V
650
V
V
GE(th)
I
C
= 250
A, V
CE = VGE
3.5
6.0
V
I
CES
V
CE = VCES, VGE = 0V
10
A
T
J = 150C
150
A
I
GES
V
CE = 0V, VGE = 20V
100 nA
V
CE(sat)
I
C
= 20A, V
GE = 15V, Note 1
1.77
2.10
V
T
J = 150C
2.05
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 175°C
650
V
V
CGR
T
J
= 25°C to 175°C, R
GE = 1M
650
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25°C
58
A
I
C110
T
C
= 110°C
20
A
I
CM
T
C
= 25°C, 1ms
108
A
I
A
T
C
= 25°C
10
A
E
AS
T
C
= 25°C
200
mJ
SSOA
V
GE = 15V, TVJ = 150°C, RG = 20
I
CM = 40
A
(RBSOA)
Clamped Inductive Load
@V
CE VCES
t
sc
V
GE = 15V, VCE = 360V, TJ = 150°C
5
μs
(SCSOA)
R
G
= 82
, Non Repetitive
P
C
T
C
= 25°C
230
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
F
C
Mounting Force (TO-263)
10..65 / 2.2..14.6
N/lb
M
d
Mounting Torque (TO-247 & TO-220)
1.13 / 10
Nm/lb.in
Weight
TO-263
2.5
g
TO-220
3.0
g
TO-247
6.0
g
XPTTM 650V IGBT
GenX3TM
G = Gate
C
= Collector
E = Emitter
Tab = Collector
TO-220 (IXYP)
G
C E
TO-247 AD (IXYH)
G
C
E
TO-263 (IXYA)
G
E
C (Tab)
C (Tab)
C (Tab)
Advance Technical Information


Similar Part No. - IXYA20N65B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYA20N65B3 IXYS-IXYA20N65B3 Datasheet
270Kb / 6P
Advance Technical Information
More results

Similar Description - IXYA20N65B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR64N50Q3 IXYS-IXFR64N50Q3 Datasheet
147Kb / 6P
Advance Technical Information
IXGH10N300 IXYS-IXGH10N300 Datasheet
232Kb / 5P
Advance Technical Information
IXFK66N85X IXYS-IXFK66N85X Datasheet
202Kb / 5P
Advance Technical Information
IXFN90N85X IXYS-IXFN90N85X Datasheet
134Kb / 5P
Advance Technical Information
IXFT40N85XHV IXYS-IXFT40N85XHV Datasheet
264Kb / 6P
Advance Technical Information
IXTR102N65X2 IXYS-IXTR102N65X2 Datasheet
151Kb / 5P
Advance Technical Information
IXYF40N450 IXYS-IXYF40N450 Datasheet
184Kb / 4P
Advance Technical Information
IXYH120N65C3 IXYS-IXYH120N65C3 Datasheet
231Kb / 6P
Advance Technical Information
IXYK120N120B3 IXYS-IXYK120N120B3 Datasheet
164Kb / 2P
Advance Technical Information
IXYX40N450HV IXYS-IXYX40N450HV Datasheet
190Kb / 4P
Advance Technical Information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com