Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC87393F-VJG Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393F-VJG
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393F-VJG Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button PC87393F-VJG Datasheet HTML 32Page - National Semiconductor (TI) PC87393F-VJG Datasheet HTML 33Page - National Semiconductor (TI) PC87393F-VJG Datasheet HTML 34Page - National Semiconductor (TI) PC87393F-VJG Datasheet HTML 35Page - National Semiconductor (TI) PC87393F-VJG Datasheet HTML 36Page - National Semiconductor (TI) PC87393F-VJG Datasheet HTML 37Page - National Semiconductor (TI) PC87393F-VJG Datasheet HTML 38Page - National Semiconductor (TI) PC87393F-VJG Datasheet HTML 39Page - National Semiconductor (TI) PC87393F-VJG Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
36
www.national.com
2.7
PROTECTION
The PC8739x provides features to protect the PC at software levels. It can be locked to protect configuration bits or alteration
of the device hardware configuration, as well as internal GPIO settings and several types of configuration settings.
All protection mechanisms can be used optionally.
2.7.1
Pin Configuration Lock
To lock the pin configuration of the PC8739x in order to prevent unwanted changes to hardware configuration, set bit 7 of
the SIOCF1 register to 1. This causes all function select configuration bits to become read only bits. This bit can only be
cleared by a hardware reset.
2.7.2
GPIO Pin Function Lock
The PC8739x is capable of locking the attributes of each GPIO pin. The following attributes can be locked:
q
Output enable
q
Output type
q
Static pull-up
q
Driven data.
GPIO pins are locked per pin by setting the Lock bit in the appropriate GPIO Pin Configuration register. When the Lock bit
is set, the configuration of the associated GPIO pin can be cleared only by a hardware reset.
2.8
LPC INTERFACE
2.8.1
LPC Transactions Supported
The PC8739x LPC interface can respond to the following LPC transactions as part of the standard SuperI/O implementation:
— I/O read and write cycles
— 8-bit DMA read and write cycles
— DMA request cycles.
In addition, the X-Bus bridge uses the following transaction:
— 8-bit memory read and write (PC87393 and PC87393F only)
— 8-bit FWH read and write (PC87393F only)
LPC transactions conform with Intel’s
LPC Interface Specification, Revision 1.00.
The LPC-FWH read and write cycles are similar to memory read and write cycles. The specifications of these cycles are
listed below. The Address, Data, TAR and SYNC cycles are as specified for LPC memory read and write cycles. The START
and ID fields are similar to the equivalent cycle in LPC memory read and write cycles but differ in the data placed on the LAD
signals (see details in the cycle description).
FWH Read Cycle (PC87393F only)
1. START:
1101
(0xD)
2. ID field:
FWH ID nibble (compared with bits 7-4 of X-Bus Memory Configuration Register, Section 2.19.8)
3. Address: 8 address nibbles (MS nibble first; see usage below)
4. TAR (two cycles)
5. SYNC
6. DATA:
2 data nibbles (LS nibble first; D3-D0, D7-D4)
7. TAR (two cycles)
FWH Write Cycle (PC87393F only)
1. START:
1110 (0xE)
2. ID field:
FWH ID nibble (compared with bits 7-4 of X-Bus Memory Configuration Register, Section 2.19.8)
3. Address: 8 address nibbles (MS nibble first; see usage below)
4. DATA:
2 data nibbles (LS nibble first; D3-D0, D7-D4)
5. TAR (two cycles)
6. SYNC
7. TAR (two cycles)
The ID field is compared with bits 7-4 of the X-Bus Memory Configuration register, described in Section 2.19.8. If the two
match, the PC8739x continues handling the transaction; if not, the current LPC-FWH transaction is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com