Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PARTNUMBER13 Datasheet(PDF) 26 Page - Texas Instruments

Part # PARTNUMBER13
Description  3.3-V ABT SCAN TEST DEVICE WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PARTNUMBER13 Datasheet(HTML) 26 Page - Texas Instruments

Back Button PARTNUMBER13 Datasheet HTML 22Page - Texas Instruments PARTNUMBER13 Datasheet HTML 23Page - Texas Instruments PARTNUMBER13 Datasheet HTML 24Page - Texas Instruments PARTNUMBER13 Datasheet HTML 25Page - Texas Instruments PARTNUMBER13 Datasheet HTML 26Page - Texas Instruments PARTNUMBER13 Datasheet HTML 27Page - Texas Instruments PARTNUMBER13 Datasheet HTML 28Page - Texas Instruments PARTNUMBER13 Datasheet HTML 29Page - Texas Instruments PARTNUMBER13 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
SN54LVT18502
3.3-V ABT SCAN TEST DEVICE
WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SCBS669 – JULY 1996
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (normal mode) (see Figure 14)123
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
CLKAB or CLKBA
0
90
0
80
MHz
t
Pulse duration
CLKAB or CLKBA high or low
6.5
6.7
ns
tw
Pulse duration
LEAB or LEBA high
2.4
2.4
ns
A before CLKAB
↑ or B before CLKBA↑
3.6
4
tsu
Setup time
A before LEAB
↓ or B before LEBA↓
CLK high
1.2
0.6
ns
A before LEAB
↓ or B before LEBA↓
CLK low
1.4
1.5
th
Hold time
A after CLKAB
↑ or B after CLKBA↑
1.2
0.8
ns
th
Hold time
A after LEAB
↓ or B after LEBA↓
4.9
5.4
ns
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (test mode) (see Figure 14)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
TCK
0
50
0
40
MHz
tw
Pulse duration
TCK high or low
12
14
ns
A, B, CLK, LE, or OE before TCK
↑
8
9
tsu
Setup time
TDI before TCK
↑
3.5
4.5
ns
TMS before TCK
↑
3
4
A, B, CLK, LE, or OE after TCK
↑
1.7
1.1
th
Hold time
TDI after TCK
↑
1.5
0.8
ns
TMS after TCK
↑
1.5
0.6
td
Delay time
Power up to TCK
↑
50*
50*
ns
tr
Rise time
VCC power up
1*
1*
µs
* On products compliant to MIL-PRF-38535, this parameter is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com