Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PARTNUMBER07 Datasheet(PDF) 27 Page - Texas Instruments

Part # PARTNUMBER07
Description  3.3-V ABT SCAN TEST DEVICE WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PARTNUMBER07 Datasheet(HTML) 27 Page - Texas Instruments

Back Button PARTNUMBER07 Datasheet HTML 23Page - Texas Instruments PARTNUMBER07 Datasheet HTML 24Page - Texas Instruments PARTNUMBER07 Datasheet HTML 25Page - Texas Instruments PARTNUMBER07 Datasheet HTML 26Page - Texas Instruments PARTNUMBER07 Datasheet HTML 27Page - Texas Instruments PARTNUMBER07 Datasheet HTML 28Page - Texas Instruments PARTNUMBER07 Datasheet HTML 29Page - Texas Instruments PARTNUMBER07 Datasheet HTML 30Page - Texas Instruments PARTNUMBER07 Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
SN54LVT18502
3.3-V ABT SCAN TEST DEVICE
WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SCBS669 – JULY 1996
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (normal mode) (see Figure 14)123
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
fmax
CLKAB or CLKBA
90
80
MHz
tPLH
AorB
BorA
1.5
6.8
8.4
ns
tPHL
A or B
B or A
1.5
6.8
8.4
ns
tPLH
CLKAB or CLKBA
BorA
2
9
10
ns
tPHL
CLKAB or CLKBA
B or A
2
8.5
9.4
ns
tPLH
LEAB or LEBA
BorA
2.5
10.8
12.5
ns
tPHL
LEAB or LEBA
B or A
2.5
8.6
9.4
ns
tPZH
OEAB or OEBA
BorA
2
10.5
11.5
ns
tPZL
OEAB or OEBA
B or A
2
11
12
ns
tPHZ
OEAB or OEBA
BorA
3
10.8
11.5
ns
tPLZ
OEAB or OEBA
B or A
2.5
9.9
10.6
ns
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (test mode) (see Figure 14)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
fmax
TCK
50
40
MHz
tPLH
TCK
↓
AorB
3
18
20
ns
tPHL
TCK
↓
A or B
3
18
20
ns
tPLH
TCK
↓
TDO
2
6.6
9
ns
tPHL
TCK
↓
TDO
2.5
8
9
ns
tPZH
TCK
↓
AorB
5
20
23
ns
tPZL
TCK
↓
A or B
5
20
23
ns
tPZH
TCK
↓
TDO
1.5
6.7
8
ns
tPZL
TCK
↓
TDO
2
7
8.5
ns
tPHZ
TCK
↓
AorB
4
22
24
ns
tPLZ
TCK
↓
A or B
4
21
23
ns
tPHZ
TCK
↓
TDO
2.5
8.5
10
ns
tPLZ
TCK
↓
TDO
2
8
9.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com