Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3200TL/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3200TL/NOPB
Description  Miniature, Adjustable, Step-Down DC-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3200TL/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3200TL/NOPB Datasheet HTML 8Page - Texas Instruments LM3200TL/NOPB Datasheet HTML 9Page - Texas Instruments LM3200TL/NOPB Datasheet HTML 10Page - Texas Instruments LM3200TL/NOPB Datasheet HTML 11Page - Texas Instruments LM3200TL/NOPB Datasheet HTML 12Page - Texas Instruments LM3200TL/NOPB Datasheet HTML 13Page - Texas Instruments LM3200TL/NOPB Datasheet HTML 14Page - Texas Instruments LM3200TL/NOPB Datasheet HTML 15Page - Texas Instruments LM3200TL/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
SYSTEM
CONTROLLER
LM3200
VIN
2.7V to 5.5V
VOUT
0.8V to 3.6V
L1
2.2 PH
C4**
0.1 PF
*Place C1 close to PVIN.
**Place C4 close to VDD.
C2
4.7 PF
VDD
PVIN
SW
FB
EN
VCON
PGND
SGND
DAC
BYP
BYPOUT
ON/OFF
C1*
10 PF
LM3200
SNVS319C – NOVEMBER 2004 – REVISED APRIL 2013
www.ti.com
OPERATION DESCRIPTION
The LM3200 is a simple, step-down DC-DC converter with a bypass switch, optimized for powering RF power
amplifiers (PAs) in mobile phones, portable communicators, and similar battery powered RF devices. It is
designed to allow the RF PA to operate at maximum efficiency over a wide range of power levels from a single
Li-Ion battery cell. It is based on current-mode buck architecture, with synchronous rectification for high
efficiency. It is designed for a maximum load capability of 300 mA in PWM mode and 500 mA in bypass mode.
Maximum load range may vary from this depending on input voltage, output voltage and the inductor chosen.
The device has three-pin selectable operating modes required for powering RF PAs in mobile phones and other
sophisticated portable device with complex power management needs. Fixed-frequency PWM operation offers
regulated output at high efficiency while minimizing interference with sensitive IF and data acquisition circuits.
Bypass mode (Forced or Automatic) turns on an internal FET bypass switch to power the PA directly from the
battery. Shutdown mode turns the device off and reduces battery consumption to 0.1 µA (typ).
DC PWM mode output voltage precision is +/-2% for 3.6VOUT. Efficiency is typically around 96% for a 120 mA
load with 3.2V output, 3.6V input. PWM mode quiescent current is 0.7 mA typ. The output voltage is dynamically
programmable from 0.8V to 3.6V by adjusting the voltage on the control pin without the need for external
feedback resistors. This ensures longer battery life by being able to change the PA supply voltage dynamically
depending on its transmitting power.
Additional features include current overload protection, over voltage protection and thermal shutdown.
The LM3200 is constructed using a chip-scale 10-pin DSBGA package. This package offers the smallest
possible size, for space-critical applications such as cell phones, where board area is an important design
consideration. Use of a high switching frequency (2 MHz) reduces the size of external components. As shown in
Figure 33, only few external components are required for implementation. Use of a DSBGA package requires
special design considerations for implementation. (See DSBGA PACKAGE ASSEMBLY AND USE) Its fine
bump-pitch requires careful board design and precision assembly equipment. Use of this package is best suited
for opaque-case applications, where its edges are not subject to high-intensity ambient red or infrared light. Also,
the system controller should set EN low during power-up and other low supply voltage conditions. (See
Shutdown Mode)
Figure 33. Typical Operating System Circuit
Circuit Operation
Referring to Figure 33, the LM3200 operates as follows. During the first part of each switching cycle, the control
block in the LM3200 turns on the internal PFET (P-channel MOSFET) switch. This allows current to flow from the
input through the inductor to the output filter capacitor and load. The inductor limits the current to a ramp with a
slope of around (VIN-VOUT)/L, by storing energy in a magnetic field. During the second part of each cycle, the
controller turns the PFET switch off, blocking current flow from the input, and then turns the NFET (N-channel
MOSFET) synchronous rectifier on. In response, the inductor’s magnetic field collapses, generating a voltage
that forces current from ground through the synchronous rectifier to the output filter capacitor and load. As the
stored energy is transferred back into the circuit and depleted, the inductor current ramps down with a slope
around VOUT/L. The output filter capacitor stores charge when the inductor current is going high, and releases it
when inductor current is going low, smoothing the voltage across the load.
12
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM3200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com