Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3204TL/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3204TL/NOPB
Description  Miniature, Adjustable, Step-Down DC-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3204TL/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3204TL/NOPB Datasheet HTML 2Page - Texas Instruments LM3204TL/NOPB Datasheet HTML 3Page - Texas Instruments LM3204TL/NOPB Datasheet HTML 4Page - Texas Instruments LM3204TL/NOPB Datasheet HTML 5Page - Texas Instruments LM3204TL/NOPB Datasheet HTML 6Page - Texas Instruments LM3204TL/NOPB Datasheet HTML 7Page - Texas Instruments LM3204TL/NOPB Datasheet HTML 8Page - Texas Instruments LM3204TL/NOPB Datasheet HTML 9Page - Texas Instruments LM3204TL/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE (
oC)
1.490
1.495
1.500
1.510
1.515
1.520
-40
IOUT = 50 mA
IOUT = 100 mA
IOUT = 300 mA
1.505
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE (
oC)
3.235
3.240
3.245
3.250
3.255
3.265
-40
IOUT = 200 mA
IOUT = 100 mA
IOUT = 300 mA
3.260
0
-40
40
80
AMBIENT TEMPERATURE (
oC)
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
20
-20
60
100
VIN = 4.2V
VCON = 0.5V
IOUT = 200 mA
VIN = 2.7V
VIN = 3.6V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
1.490
1.495
1.500
1.505
1.515
1.520
1.510
IOUT = 300 mA
IOUT = 150 mA
IOUT = 50 mA
0.0
0.2
0.4
0.6
JUNCTION TEMPERATURE (
oC)
-40 -20
0
20
40
60
80 100 120 140
0.1
0.3
0.5
0.7
VIN = 4.2V
VIN = 5.5V
VIN = 2.7V
VIN = 3.6V
2.5
3.5
4.5
5.5
6.0
0.66
0.68
0.70
0.72
0.74
0.76
0.78
0.80
SUPPLY VOLTAGE (V)
3.0
4.0
5.0
TA = 25
oC
TA = -30
oC
TA = 85
oC
LM3204
SNVS351C – JUNE 2005 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
(Circuit in Figure 34, PVIN = VDD = EN = 3.6V, BYP = 0V, TA = 25°C, unless otherwise noted)
Quiescent Current
Shutdown Current
vs
vs
Supply Voltage
Temperature
(VCON = 0.267V, FB = 2V, No load)
(EN = SW = BYPOUT = VCON = FB = 0V)
Figure 3.
Figure 4.
Switching Frequency Variation
Output Voltage
vs
vs
Temperature
Supply Voltage
(VOUT = 1.5V, VCON = 0.5V)
(VOUT = 1.5V, VCON = 0.5V)
Figure 5.
Figure 6.
Output Voltage
Output Voltage
vs
vs
Temperature
Temperature
(VOUT = 1.5V, VCON = 0.5V)
(VIN = 4.2V, VOUT = 3.25V, VCON = 1.08V)
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com