Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VT82C596B Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 20Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 21Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 22Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 23Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 24Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 25Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 26Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 27Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-18-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Power Management
Signal Name
Pin #
I/O
Signal Description
PWRBTN#
U20
I
Power Button. Used by the Power Management subsystem to monitor an
external system on/off button or switch. The VT82C596B performs a 200us
debounce of this input if Rx40[5] is set to 1.
This input is referenced to
VCCSUS.
SLPBTN# / GPI13
L2
I
ACPI Sleep Button. General purpose input 13, but also functions as the ACPI
sleep button if bit-9 of register 0 of ACPI I/O Space (Function 3) is enabled.
RCIN#
N20
I
Reset CPU.
This signal from an optional external keyboard controller (if
used) causes an INIT signal to be generated to the CPU.
RSMRST#
M17
I
Resume Reset. Resets the internal logic connected to the VCCSUS power
plane and also resets portions of the internal RTC logic.
EXTSMI#
V20
IOD
External System Management Interrupt. When enabled to allow it, a falling
edge on this input causes an SMI# to be generated to the CPU to enter SMI
mode. Once asserted, this pin should be held low for at least four PCICLKs.
The VT82C596B also asserts EXTSMI# in response to SMI# being activated
within the Serial IRQ function. This pin should be connected to an external
pullup.
PCIREQ[A-D]#
E10, A11,
B11, C11
I
Power Management PCI Requests. Used by internal power management to
monitor PCI requests for use of the PCI bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com