Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP8420V Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8420V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8420V Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button DP8420V Datasheet HTML 32Page - National Semiconductor (TI) DP8420V Datasheet HTML 33Page - National Semiconductor (TI) DP8420V Datasheet HTML 34Page - National Semiconductor (TI) DP8420V Datasheet HTML 35Page - National Semiconductor (TI) DP8420V Datasheet HTML 36Page - National Semiconductor (TI) DP8420V Datasheet HTML 37Page - National Semiconductor (TI) DP8420V Datasheet HTML 38Page - National Semiconductor (TI) DP8420V Datasheet HTML 39Page - National Semiconductor (TI) DP8420V Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
80 Test Mode
Staggered refresh in combination with the error scrubbing
mode places the DP8420V21V22V DP84T22 in test
mode In this mode the 24-bit refresh counter is divided into
a 13-bit and 11-bit counter During refreshes both counters
are incremented to reduce test time
90 DRAM Critical Timing
Parameters
The two critical timing parameters shown in
Figure 31 that
must be met when controlling the access timing to a DRAM
are the row address hold time tRAH and the column ad-
dress setup time
tASC Since the DP8420V21V22V
DP84T22 contain a precise internal delay line the values of
these parameters can be selected at programming time
These values will also increase and decrease if DELCLK
varies from 2 MHz
91 PROGRAMMABLE VALUES OF tRAH AND tASC
The DP8420V21V22V DP84T22 allow the values of tRAH
and tASC to be selected at programming time For each pa-
rameter two choices can be selected tRAH the row ad-
dress hold time is measured from RAS asserted to the row
address starting to change to the column address The two
choices for tRAH are 15 ns and 25 ns programmable
through address bit C8
tASC the column address setup time is measured from the
column address valid to CAS asserted The two choices for
tASC are 0 ns and 10 ns programmable through address bit
C7
92 CALCULATION OF tRAH AND tASC
There are two clock inputs to the DP8420V21V22V
DP84T22 These two clocks DELCLK and CLK can either
be tied together to the same clock or be tied to different
clocks running asynchronously at different frequencies
The clock input DELCLK controls the internal delay line
and refresh request clock DELCLK should be a multiple of
2 MHz If DELCLK is not a multiple of 2 MHz tRAH and tASC
will change The new values of tRAH and tASC can be calcu-
lated by the following formulas
If tRAH was programmed to equal 15 ns then tRAH e
15 (((DELCLK Divisor)
2 MHz(DELCLK Frequency))b1)
a
15 ns
If tRAH was programmed to equal 25 ns then tRAH e
25 (((DELCLK Divisor)
2 MHz(DELCLK Frequency))b1)
a
25 ns
If tASC was programmed to equal 0 ns then tASC e
125 ((DELCLK Divisor) 2 MHz(DELCLK Frequency)) b
125 ns
If tASC was programmed to equal 10 ns then tASC e
225 ((DELCLK Divisor) 2 MHz(DELCLK Frequency)) b
225 ns
Since the values of tRAH and tASC are increased or de-
creased the time to CAS asserted will also increase or de-
crease These parameters can be adjusted by the following
formula
Delay to CAS e Actual Spec a Actual tRAH b
Programmed tRAH a Actual tASC b Programmed tASC
TLF11109 – 50
FIGURE 31 tRAH and tASC
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com