Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDCM1804RGET Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1804RGET
Description  1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM1804RGET Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCM1804RGET Datasheet HTML 5Page - Texas Instruments CDCM1804RGET Datasheet HTML 6Page - Texas Instruments CDCM1804RGET Datasheet HTML 7Page - Texas Instruments CDCM1804RGET Datasheet HTML 8Page - Texas Instruments CDCM1804RGET Datasheet HTML 9Page - Texas Instruments CDCM1804RGET Datasheet HTML 10Page - Texas Instruments CDCM1804RGET Datasheet HTML 11Page - Texas Instruments CDCM1804RGET Datasheet HTML 12Page - Texas Instruments CDCM1804RGET Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.ti.com
SUPPLY CURRENT ELECTRICAL CHARACTERISTICS
f − Frequency − MHz
110
120
130
140
150
160
170
180
100
300
500
700
900
1100
1300
1500
VDD = 3.3 V
TA = 25°C
Load = 10 pF/1k/1k for LVCMOS
50
Ω to VDD − 2 V for LVPECL
3 LVPECL Outputs (
÷1),
LVCMOS Output (
÷4)
3 LVPECL Outputs (
÷1)
Running, LVCMOS Output Off
2 LVPECL Outputs (
÷1),
LVCMOS Output (
÷4)
G005
CDCM1804
SCAS697E – JULY 2003 – REVISED MAY 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
All outputs enabled and terminated with 50
Ω to
VDD – 2 V on LVPECL outputs and 10 pF on LVCMOS
Full load
160
output, f = 800 MHz for LVPECL outputs and 200 MHz for
Supply current
mA
LVCMOS, VDD = 3.3 V
IDD
Outputs enabled, no output load, f = 800 MHz for LVPECL
No load
110
outputs and 200 MHz for LVCMOS, VDD = 3.6 V
Supply current saving per LVPECL
f = 800 MHz for LVPECL output, VDD = 3.3 V
10
mA
output stage disabled, no load
All outputs in the high-impedance state by control logic, f = 0
IDDZ
Supply current, 3-state
Hz,
0.5
mA
VDD = 3.6 V
SUPPLY CURRENT
vs
FREQUENCY
Figure 6.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com