Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3432MHX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3432MHX/NOPB
Description  6-Channel Current Regulator for LED Backlight Application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3432MHX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3432MHX/NOPB Datasheet HTML 9Page - Texas Instruments LM3432MHX/NOPB Datasheet HTML 10Page - Texas Instruments LM3432MHX/NOPB Datasheet HTML 11Page - Texas Instruments LM3432MHX/NOPB Datasheet HTML 12Page - Texas Instruments LM3432MHX/NOPB Datasheet HTML 13Page - Texas Instruments LM3432MHX/NOPB Datasheet HTML 14Page - Texas Instruments LM3432MHX/NOPB Datasheet HTML 15Page - Texas Instruments LM3432MHX/NOPB Datasheet HTML 16Page - Texas Instruments LM3432MHX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
LM3432, LM3432B
www.ti.com
SNVS498D – APRIL 2007 – REVISED MAY 2013
DYNAMIC HEADROOM CONTROL
To use the DHC function, connect a gain setting resistor from the VDHC pin of the LM3432/LM3432B to the
VDHC pin of the LM3430 (Texas Instruments Semiconductor’s Boost Controller for LED Backlighting) that is
supplying power to the LED rails. The LM3432/LM3432B’s DHC function will regulate the voltage between the
IOUT pins and ground to a minimum of 0.625V typical (IOUT = 20 mA) to optimize overall efficiency. A large
DHC time constant needs to be set in order not to interfere with the loop response of the DC-DC converter. This
can be implemented by connecting a capacitor from the LM3432/LM3432B’s CDHC pin to ground. If the DHC
function is not needed, leave the VDHC pin floating. When operated in this manner, if the lowest voltage between
any of the IOUT pins and ground is greater than 2V, the LED short fault detection function will be disabled. For
the LM3432B, if any open condition occurs on any channels, the DHC function will be inactive and the LED
supply rail voltage from the LM3430 will stay at its preset level. If the excess headroom voltage is greater than
the short fault detect threshold, 7.3V(min), the device may latch off the LED string(s) due to short fault protection.
In order to insure the proper operation of good LED strings, designers must design for sufficient excess
headroom voltage below the short fault detect threshold.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3432 LM3432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com