Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3450MT/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM3450MT/NOPB
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3450MT/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM3450MT/NOPB Datasheet HTML 16Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 17Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 18Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 19Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 20Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 21Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 22Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 23Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
VFLT2
VDIM
VADJ
VFLT2
VFLT1
LM3450
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
www.ti.com
Figure 28. FLT1 to FLT2 Mapping
The FLT1 signal is routed through a 2 pole low pass filter (RF1, CF1, RF2, CF2), as shown in Figure 26, to remove
the twice line frequency ripple. The resulting analog signal at FLT2 is compared to a 500Hz Triangle wave to
create the inverted PWM signal at the DIM pin as shown in Figure 29:
Figure 29. FLT2 to DIM Mapping
This PWM signal at the DIM pin can be used as the dim input to a secondary LED driver. DIM is an open drain
output designed for isolated solutions. Optical isolation is used to transmit signals across the isolation boundary.
With most opto-isolators, the edge rate is dependent on the amount of drive current through the photodiode. The
open-drain configuration allows the primary bias supply (VCC) to provide the current as shown in Figure 26. The
choice of resistor (RPB) between VCC and the photodiode anode will set the drive current. This enables the user
to trade-off PWM accuracy with system efficiency.
The open drain configuration also ensures that the secondary has a resistor from the phototransistor’s emitter to
secondary ground (not from collector to secondary bias). During system turn-off, this prevents an undesired LED
blink because the secondary stage LED driver is forced off.
A variable sample rate and dynamic filter ensure fast, smooth dimming transitions (movement of the dimmer)
while maintaining robust flicker-free behavior when the dimmer is static. The sample rate depends on past and
present angle information. The dynamic filter is a dual mode filter. During standby mode, when a transition has
not been made and the dimmer is static, a 500k
Ω series resistor is connected between the buffered output and
FLT1 as shown in Figure 26.
The 500k
Ω resistor is shorted when the LM3450/50A senses a large transition of the dimmer. This increases the
filter speed while the dimmer is transitioning between levels to improve response time.
The FLT1 and FLT2 poles created by each RC pair (RF1 and CF1, RF2 and CF2) should be set as follows:
•
CF1 and CF2 can be 1µF ceramic capacitors for all designs.
•
RF1 and RF2 should be set between 15kΩ (~10Hz) and 75kΩ (~2Hz).
2 Hz poles provide a “smooth fade” while 10Hz poles create a “snappy” response.
These component values ensure that the static filter condition in standby mode has 1 pole approximately a
decade lower than the nominal in order to provide good noise immunity to the system.
20
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com