Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2578AM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2578AM/NOPB
Description  Switching Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2578AM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM2578AM/NOPB Datasheet HTML 1Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 2Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 3Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 4Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 5Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 6Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 7Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 8Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM2578A, LM3578A
SNVS767E – AUGUST 2000 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics (continued)
These specifications apply for 2V
≤ VIN ≤ 40V (2.2V ≤ VIN ≤ 40V for TJ ≤ −25°C), timing capacitor CT = 3900 pF, and 25% ≤
duty cycle
≤ 75%, unless otherwise specified. Values in standard typeface are for TJ = 25°C; values in boldface type apply
for operation over the specified operating junction temperature range.
Typical(1)
LM2578A/
Symbol
Parameter
Conditions
LM3578A
Units
Limit (2)
DEVICE POWER CONSUMPTION
IS
Supply Current
Output OFF, VE = 0V
2.0
mA
3.5/4.0
mA (max)
Output ON, IC = 750 mA pulsed,
14
mA
VE = 0V
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2578A LM3578A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com