Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2578AMX/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM2578AMX/NOPB
Description  Switching Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2578AMX/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM2578AMX/NOPB Datasheet HTML 14Page - Texas Instruments LM2578AMX/NOPB Datasheet HTML 15Page - Texas Instruments LM2578AMX/NOPB Datasheet HTML 16Page - Texas Instruments LM2578AMX/NOPB Datasheet HTML 17Page - Texas Instruments LM2578AMX/NOPB Datasheet HTML 18Page - Texas Instruments LM2578AMX/NOPB Datasheet HTML 19Page - Texas Instruments LM2578AMX/NOPB Datasheet HTML 20Page - Texas Instruments LM2578AMX/NOPB Datasheet HTML 21Page - Texas Instruments LM2578AMX/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LM2578A, LM3578A
SNVS767E – AUGUST 2000 – REVISED APRIL 2013
www.ti.com
Vin = 5V
R4 = 200 k
Ω
Vo = 15V
C1 = 1820 pF
Vripple = 10 mV
C2 = 470
μF
Io = 140 mA
C3 = 20 pF
fosc = 50 kHz
C4 = 0.0022
μF
R1 = 140 k
Ω
L1 = 330
μH
R2 = 10 k
Ω
D1 = 1N5818
R3 = 0.15
Ω
Figure 32. Boost or Step-Up Regulator
R1 = (Vo − 1) R2 where R2 = 10 kΩ.
R3 = V/(IL(max, DC) + 0.5 ΔIL)
where:
ΔIL = 2(ILOAD(min))(Vo/Vin)
ΔIL is 200 mA in this example.
R4, C3 and C4 are necessary for continuous operation and are typically 220 k
Ω, 20 pF, and 0.0022 μF
respectively.
C1 is the timing capacitor found in Figure 14.
C2
≥ Io (Vo − Vin)/(fosc Vo Vripple).
D1 is a Schottky type diode such as a 1N5818 or 1N5819.
L1 is found as described in the buck converter section, using the inductance chart for Figure 29 for the boost
configuration and 20% discontinuity.
INVERTING REGULATOR
Figure 33 shows the basic configuration for an inverting regulator. The input voltage is of a positive polarity, but
the output is negative. The output may be less than, equal to, or greater in magnitude than the input. The
relationship between the magnitude of the input voltage and the output voltage is Vo = Vin × (ton/toff).
Figure 33. Basic Inverting Regulator
Figure 34 shows an LM2578A configured as a 5V to
−15V polarity inverter with an output current of 300 mA, a
load regulation of 44 mV (60 mA to 300 mA) and a line regulation of 50 mV (4.5V
≤ Vin ≤ 8.5V).
18
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2578A LM3578A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com