Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3578AMX/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3578AMX/NOPB
Description  Switching Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3578AMX/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3578AMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 9Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 10Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 11Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 12Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 13Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 14Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LM2578A, LM3578A
www.ti.com
SNVS767E – AUGUST 2000 – REVISED APRIL 2013
Figure 19. Current Limit Sense Voltage Multiplication, Ground Referred
Figure 20. Current Limit Sense Voltage Multiplication, Vin Referred
UNDER-VOLTAGE LOCKOUT
Under-voltage lockout is accomplished with few external components. When Vin becomes lower than the zener
breakdown voltage, the output transistor is turned off. This occurs because diode D1 will then become forward
biased, allowing resistor R3 to sink a greater current from the non-inverting input than is sunk by the parallel
combination of R1 and R2 at the inverting terminal. R3 should be one-fifth of the value of R1 and R2 in parallel.
Figure 21. Under-Voltage Lockout
MAXIMUM DUTY CYCLE LIMITING
The maximum duty cycle can be externally limited by adjusting the charge to discharge ratio of the oscillator
capacitor with a single external resistor. Typical values are 50
μA for the charge current, 450 μA for the
discharge current, and a voltage swing from 200 mV to 750 mV. Therefore, R1 is selected for the desired
charging and discharging slopes and C1 is readjusted to set the oscillator frequency.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2578A LM3578A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com