Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3555TLX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3555TLX/NOPB
Description  Synchronous Boost Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3555TLX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM3555TLX/NOPB Datasheet HTML 1Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 2Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 3Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 4Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 5Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 6Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 7Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 8Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LM3555
2.2 µH
COUT
10 µF
CIN
10 µF
IND
PGND
VIN
VLED
SW
TORCH
STROBE
I2C/EN
SCL/EN1
SDA/EN2
VBAT
SGND
VOUT
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM3555
SNVS594G – DECEMBER 2008 – REVISED APRIL 2016
LM3555 Synchronous Boost Converter With 500-mA High-Side
LED Driver and Dual-Mode Control Interface
1
1 Features
1
•
High-Voltage High-Side Current Source Allows for
Grounded Cathode LED Operation
•
Synchronous Boost Converter
•
Peak Converter Efficiency > 90%
•
Accurate and Programmable LED Current
Ranging From 60 mA to 500 mA
•
Adaptive LED Current Range Based on LED
Configuration
•
Dedicated Indicator Current Source
•
Dedicated Torch and Strobe Pins
•
Dual Mode Control (General Purpose or I2C)
•
Broken Inductor Detection
•
Output Overvoltage Protection
•
Output and LED Short-Circuit Protection
•
400-kHz I2C-Compatible Interface
2 Applications
Camera Phone LED Flash
3 Description
The LM3555 is a 2-MHz fixed-frequency, current-
mode synchronous boost converter designed to drive
either a single flash LED at 500 mA or two series
flash LEDs at 400 mA. A high-voltage current source
allows the LEDs to be terminated to the GND plane
eliminating the need for an additional return trace
back to the device.
A dual-mode control interface allows the user to
configure
the
LM3555
with
a
general-purpose
interface using two enable pins for control or an I2C
allowing a higher level of control. Both interfaces
allow access to the indicator, assist light, and flash
modes. A dedicated STROBE pin provides a direct
interface to trigger the flash event, while an external
TORCH pin provides an additional method for
enabling the LEDs in a constant current mode.
The LM3555 can adaptively scale the maximum flash
level delivered to the LEDs based upon the flash
configuration, whether it be a single LED or two LEDs
in series.
Eight protection features are available on the LM3555
ranging
from
overvoltage
protection
to
broken
inductor detection. The LM3555 has four selectable
inductor current limits to help the user select an
inductor that is appropriate for the design.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LM3555
DSBGA (12)
2.09 mm × 1.565 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


Similar Part No. - LM3555TLX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3555TLX/NOPB TI2-LM3555TLX/NOPB Datasheet
842Kb / 37P
LM3555 Synchronous Boost Converter With 500-mA High-Side LED Driver and Dual-Mode Control Interface
REVISED APRIL 2016
LM3555TLX/NOPB.A TI2-LM3555TLX/NOPB.A Datasheet
842Kb / 37P
LM3555 Synchronous Boost Converter With 500-mA High-Side LED Driver and Dual-Mode Control Interface
REVISED APRIL 2016
More results

Similar Description - LM3555TLX/NOPB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6714 DIODES-AP6714 Datasheet
267Kb / 15P
1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
logo
Analog Microelectronics
AME5176 AME-AME5176 Datasheet
481Kb / 15P
Synchronous Boost Converter
AME5177 AME-AME5177 Datasheet
485Kb / 14P
Synchronous Boost Converter
logo
Texas Instruments
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
Synchronous Boost Converter
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
Efficient Synchronous Boost Converter
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
Synchronous Boost Converter
UCC2941-3 TI1-UCC2941-3_11 Datasheet
296Kb / 20P
1V SYNCHRONOUS BOOST CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
1.2MHz Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
SYNCHRONOUS BOOST CONVERTER
logo
Diodes Incorporated
AP6714 DIODES-AP6714_V01 Datasheet
249Kb / 11P
1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com