Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3560TLE-20/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3560TLE-20/NOPB
Description  Synchronous Boost Flash Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3560TLE-20/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM3560TLE-20/NOPB Datasheet HTML 1Page - Texas Instruments LM3560TLE-20/NOPB Datasheet HTML 2Page - Texas Instruments LM3560TLE-20/NOPB Datasheet HTML 3Page - Texas Instruments LM3560TLE-20/NOPB Datasheet HTML 4Page - Texas Instruments LM3560TLE-20/NOPB Datasheet HTML 5Page - Texas Instruments LM3560TLE-20/NOPB Datasheet HTML 6Page - Texas Instruments LM3560TLE-20/NOPB Datasheet HTML 7Page - Texas Instruments LM3560TLE-20/NOPB Datasheet HTML 8Page - Texas Instruments LM3560TLE-20/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
LM3560
SNOSB43B – SEPTEMBER 2011 – REVISED AUGUST 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (2) (continued)
Limits in standard typeface are for TA = +25°C. Limits in boldface type apply over the full operating ambient temperature
range (
−40°C ≤ TA ≤ +85°C). Unless otherwise specified, VIN = 3.6V, VHWEN = VIN.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Output Over-
ON Threshold
4.925
5
5.075
VOVP
Voltage Protection
V
OFF Threshold
4.8
Trip Point(3)
Step-Up DC/DC Converter Specifications
PMOS Switch On-
RPMOS
IPMOS = 1A
80
m
Ω
Resistance
NMOS Switch On-
RNMOS
INMOS = 1A
65
m
Ω
Resistance
CL bits = 00, 3.0V
≤ VIN ≤ 4.2V
1.44
1.6
1.76
CL bits = 01, 3.0V
≤ VIN ≤ 4.2V
2.02
2.3
2.58
Switch Current
ICL
A
Limit(4)
CL bits = 10, 3.0V
≤ VIN ≤ 4.2V
2.64
3.0
3.36
CL bits = 11, 3.0V
≤ VIN ≤ 4.2V
3.17
3.6
4.03
Output Short
IOUT_SC
Circuit Current
VOUT < 2.3V
300
mA
Limit
Message Indicator Register, bits[2:0] = 111, 3.0V
≤ VIN ≤ 4.2V,
ILED/NTC
Indicator Current
16
18
20
mA
VLEDI/NTC = 2V
Comparator Trip
VTRIP
Configuration Register 1, bit4 = 1, 3.0V
≤ VIN ≤ 4.2V
0.97
1
1.03
V
Threshold
Switching
fSW
3.0V
≤ VIN ≤ 4.2V
1.8
2
2.2
MHz
Frequency
Timeout Duration
tTIMEOUT
3.0V
≤ VIN ≤ 4.2V
−10%
+10%
ms
(5), (6)
Device Not Switching, VOUT = 3V
900
µA
Quiescent Supply
Device Switching, VOUT = 4.5V
1.97
mA
IQ
Current
Indicate Mode, Message Indicator Register, bits[2:0] = 111,
590
µA
3.0V
≤ VIN ≤ 4.2V
Shutdown Supply
ISHDN
VHWEN = GND, 3.0V ≤ VIN ≤ 4.2V
0.02
1.25
Current
µA
Standby Supply
ISTBY
VHWEN = VIN , 3.0V ≤ VIN ≤ 4.2V
1.25
2
Current
VIN Monitor
VIN_TH
VIN Monitor Register = 0x01
2.85
2.9
2.95
V
Threshold
VIN Flash Monitor
VIN_FLASH_TH
VIN Monitor Register = 0x08
2.85
2.9
2.95
V
Threshold
Flash to Torch LED
TX_ Low to High,
Current Settling
2
ILED1 + ILED2 = 2A to 187.5 mA
Time
tTX
µs
Torch to Flash LED
TX_ High to Low,
Current Settling
160
ILED1 + ILED2 = 187.5mA to 2A
Time
(3)
The typical curve for Over-Voltage Protection (OVP) is measured in closed loop using the typical application circuit . The OVP value is
found by forcing an open circuit in the LED1 and LED2 path and recording the peak value of VOUT. The value given in the Electrical
Table is found in an open loop configuration by ramping the voltage at OUT until the OVP comparator trips. The closed loop data can
appear higher due to the stored energy in the inductor being dumped into the output capacitor after the OVP comparator trips. At worst
case is an open circuit condition where the output voltage can continue to rise after the OVP comparator trips by approximately
IIN×sqrt(L/COUT).
(4)
The typical curve for Current Limit is measured in closed loop using the typical application circuit by increasing IOUT until the peak
inductor current stops increasing. The value given in the Electrical Table is measured open loop and is found by forcing current into SW
until the current limit comparator threshold is reached. Closed loop data appears higher due to the delay between the comparator trip
point and the NFET turning off. This delay allows the closed loop inductor current to ramp higher after the trip point by approximately
20ns × VIN/L
(5)
Specified by design. Not production tested.
(6)
The timeout period is a divided down representation of the 2MHz clock and thus the accuracy spec is the same as the switching
frequency.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com