Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2724AMX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2724AMX/NOPB
Description  LM2724A High Speed 3A Synchronous MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2724AMX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM2724AMX/NOPB Datasheet HTML 1Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 2Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 3Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 4Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 5Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 6Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 7Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 8Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IN
SYNC
Power
On
Reset
VCC
LG
GND
Logic
BOOT
HG
SW
+5V
+
-
VIN
VOUT
Q1
Q2
Shoot-through
Protection
1
2
3
4
5
6
7
8
SW
HG
BOOT
IN
VCC
SYNC
GND
LG
GND
8
LG
7
VCC
6
SYNC
5
IN
4
BOOT
3
HG
2
SW
1
NRND
LM2724A
SNVS242C – JUNE 2003 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
CONNECTION DIAGRAM
Figure 1. 8-Lead SOIC
Figure 2. 8-Lead WSON
See Package Number D
See Package Number NGN
PIN DESCRIPTIONS
Pin
Name
Function
1
SW
Top driver return. Should be connected to the common node of top and bottom FETs
2
HG
Top gate drive output. Should be connected to the top FET gate.
3
BOOT
Bootstrap. Accepts a bootstrap voltage for powering the high-side driver
4
IN
Accepts a logic control signal
5
SYNC
Bottom gate enable
6
VCC
Connect to +5V supply
7
LG
Bottom gate drive output. Should be connected to the bottom FET gate.
8
GND
Ground
BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM2724A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com