Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS1139 Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS1139
Description  Unipolar Hall-Effect Digital Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1139 Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS1139 Datasheet HTML 1Page - SEC Electronics Inc. SS1139 Datasheet HTML 2Page - SEC Electronics Inc. SS1139 Datasheet HTML 3Page - SEC Electronics Inc. SS1139 Datasheet HTML 4Page - SEC Electronics Inc. SS1139 Datasheet HTML 5Page - SEC Electronics Inc. SS1139 Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SS1139
Unipolar Hall-Effect Digital Switch
1
V3.10
Nov 1, 2013
Features and Benefits
3.8V to 24V Operation
-40°C to 150°C Superior temperature operation
Bipolar technology
Open-collector 50 mA output
Reverse battery protection
Small Size SOT89 3L
Solid-state reliability
Resistant to 60V supply voltage
Sensitivity of temperature compensation cir-
cuitry
Application Examples
− Automotive, Consumer and Industrial
− Solid-state switch
− Brushless DC motor commutation
− Speed detection
− Linear position detection
− Angular position detection
− Proximity detection
3 pin SOT89 (suffix SP)
Functional Block Diagram
Voltage
Regulator
Hall Plate
Amp
VDD
GND
Output


Similar Part No. - SS1139

ManufacturerPart #DatasheetDescription
logo
RFE international
SS113 RFE-SS113 Datasheet
88Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS SS Series: Probes
logo
Honeywell Solid State E...
SS113A HONEYWELL-SS113A Datasheet
222Kb / 3P
Surface Mount Digital Position Sensors
More results

Similar Description - SS1139

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS443 SECELECTRONICS-SS443 Datasheet
182Kb / 6P
Unipolar Hall-Effect Digital Switch
SS1103 SECELECTRONICS-SS1103 Datasheet
163Kb / 5P
Unipolar Hall-Effect Digital Switch
SS3144 SECELECTRONICS-SS3144 Datasheet
183Kb / 6P
Unipolar Hall-Effect Digital Switch
SS189 SECELECTRONICS-SS189 Datasheet
210Kb / 5P
Unipolar Hall-Effect Digital Switch
SS118 SECELECTRONICS-SS118_13 Datasheet
182Kb / 5P
Unipolar Hall-Effect Digital Switch
SS133 SECELECTRONICS-SS133_14 Datasheet
234Kb / 6P
Unipolar Hall-Effect Digital Switch
S3144 SECELECTRONICS-S3144_13 Datasheet
235Kb / 6P
Unipolar Hall-Effect Digital Switch
SS118_1311 SECELECTRONICS-SS118_1311 Datasheet
178Kb / 5P
Unipolar Hall-Effect Digital Switch
SS441_1311 SECELECTRONICS-SS441_1311 Datasheet
181Kb / 6P
Unipolar Hall-Effect Digital Switch
SS657_1311 SECELECTRONICS-SS657_1311 Datasheet
200Kb / 6P
Unipolar Hall-Effect Digital Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com