Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS1636 Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS1636
Description  Unipolar Hall Switch-High sensitivity
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1636 Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS1636 Datasheet HTML 1Page - SEC Electronics Inc. SS1636 Datasheet HTML 2Page - SEC Electronics Inc. SS1636 Datasheet HTML 3Page - SEC Electronics Inc. SS1636 Datasheet HTML 4Page - SEC Electronics Inc. SS1636 Datasheet HTML 5Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SS1636
Unipolar Hall Switch-High sensitivity
1
V3.10
Nov 1, 2013
Packages
Features and Benefits
3 pin TSOT23 (suffix ST)
3 pin SIP (suffix UA)
–
2.5V to 5.5V Operation
–
-40°C to 150°C Superior temperature
operation range
–
CMOS technology
–
Low current consumption
–
Chopper-stabilized amplifier stage
–
CMOS inverter output (no pull-up
resistance need)
–
High sensitivity
–
Small Size TSOT23 3L or SIP 3L
Both RoHS compliant packages
Application Examples
–
Automotive, Consumer and Industrial
–
Solid-state switch
–
Magneto-electric conversion switch
Magnet proximity sensor for reed switch replacement in low duty cycle applications
–
Angular position detection
–
Proximity detection
–
Current detector
Functional Block Diagram


Similar Part No. - SS1636

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS16 PANJIT-SS16 Datasheet
66Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Surge Components
SS16 SURGE-SS16 Datasheet
136Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
Transys Electronics
SS16 TRSYS-SS16 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS16 JGD-SS16 Datasheet
171Kb / 2P
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Sunrise Electr...
SS16 SSE-SS16 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS1636

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS5681 SECELECTRONICS-SS5681 Datasheet
199Kb / 7P
Unipolar Hall Switch-Low Sensitivity
S5881-AA SECELECTRONICS-S5881-AA Datasheet
353Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS139 SECELECTRONICS-SS139 Datasheet
223Kb / 5P
Unipolar Hall Switch-Low Sensitivity
SS159 SECELECTRONICS-SS159 Datasheet
223Kb / 5P
Unipolar Hall Switch-Low Sensitivity
SS1348 SECELECTRONICS-SS1348 Datasheet
224Kb / 6P
Unipolar Hall Switch-Low Sensitivity
SS5881_1311 SECELECTRONICS-SS5881_1311 Datasheet
245Kb / 7P
Unipolar Hall Switch-Low Sensitivity
logo
Melexis Microelectronic...
US5781 MELEXIS-US5781_12 Datasheet
966Kb / 11P
Unipolar Hall Switch ??Mediuum sensitivity
US5683 MELEXIS-US5683 Datasheet
724Kb / 11P
Unipolar Hall Switch ??High Sensitivity
US5682 MELEXIS-US5682 Datasheet
508Kb / 11P
Unipolar Hall Switch ??High Sensitivity
US5681 MELEXIS-US5681 Datasheet
719Kb / 11P
Unipolar Hall Switch ??High Sensitivity
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com