Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4562MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM4562MA/NOPB
Description  LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4562MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM4562MA/NOPB Datasheet HTML 1Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 2Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 3Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 4Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 5Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 6Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 7Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 8Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
LM4562
www.ti.com
SNAS326K – AUGUST 2006 – REVISED DECEMBER 2013
ELECTRICAL CHARACTERISTICS FOR THE LM4562
(1) (2)
The specifications apply for VS = ±15V, RL = 2kΩ, fIN = 1kHz, TA = 25°C, unless otherwise specified.
LM4562
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)
AV = 1, VOUT = 3Vrms
THD+N
Total Harmonic Distortion + Noise
RL = 2kΩ
0.00003
% (max)
RL = 600Ω
0.00003
0.00009
AV = 1, VOUT = 3VRMS
IMD
Intermodulation Distortion
0.00005
%
Two-tone, 60Hz & 7kHz 4:1
GBWP
Gain Bandwidth Product
55
45
MHz (min)
SR
Slew Rate
±20
±15
V/
μs (min)
VOUT = 1VP-P, –3dB
FPBW
Full Power Bandwidth
referenced to output magnitude
10
MHz
at f = 1kHz
AV = –1, 10V step, CL = 100pF
ts
Settling time
1.2
μs
0.1% error range
Equivalent Input Noise Voltage
fBW = 20Hz to 20kHz
0.34
0.65
μVRMS
(max)
en
f = 1kHz
2.7
4.7
nV/
√Hz
Equivalent Input Noise Density
f = 10Hz
6.4
(max)
in
f = 1kHz
1.6
Current Noise Density
pA/
√Hz
f = 10Hz
3.1
VOS
Offset Voltage
±0.1
±0.7
mV (max)
Average Input Offset Voltage Drift vs
ΔVOS/ΔTemp
–40°C
≤ TA ≤ 85°C
0.2
μV/°C
Temperature
Average Input Offset Voltage Shift vs
PSRR
ΔVS = 20V
(5)
120
110
dB (min)
Power Supply Voltage
fIN = 1kHz
118
ISOCH-CH
Channel-to-Channel Isolation
dB
fIN = 20kHz
112
IB
Input Bias Current
VCM = 0V
10
72
nA (max)
Input Bias Current Drift vs
ΔIOS/ΔTemp
–40°C
≤ TA ≤ 85°C
0.1
nA/°C
Temperature
IOS
Input Offset Current
VCM = 0V
11
65
nA (max)
Common-Mode Input Voltage Range
+14.1
(V+) – 2.0
VIN-CM
V (min)
–13.9
(V-) + 2.0
CMRR
Common-Mode Rejection
–10V<Vcm<10V
120
110
dB (min)
Differential Input Impedance
30
k
Ω
ZIN
Common Mode Input Impedance
–10V<Vcm<10V
1000
M
Ω
–10V<Vout<10V, RL = 600Ω
140
125
AVOL
Open Loop Voltage Gain
–10V<Vout<10V, RL = 2kΩ
140
dB (min)
–10V<Vout<10V, RL = 10kΩ
140
RL = 600Ω
±13.6
±12.5
VOUTMAX
Maximum Output Voltage Swing
RL = 2kΩ
±14.0
V (min)
RL = 10kΩ
±14.1
IOUT
Output Current
RL = 600Ω, VS = ±17V
±26
±23
mA (min)
+53
IOUT-CC
Instantaneous Short Circuit Current
mA
–42
fIN = 10kHz
ROUT
Output Impedance
Closed-Loop
0.01
Ω
Open-Loop
13
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
(2)
Operating Ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. For ensured
specifications and test conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
Some performance characteristics may degrade when the device is not operated under the listed test conditions.
(3)
Typical specifications are specified at +25ºC and represent the most likely parametric norm.
(4)
Tested limits are specified to AOQL (Average Outgoing Quality Level).
(5)
PSRR is measured as follows: VOS is measured at two supply voltages, ±5V and ±15V. PSRR = | 20log(ΔVOS/ΔVS) |.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com