Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM48311TL/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM48311TL/NOPB
Description  Audio Power Amplifier Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48311TL/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM48311TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48311TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48311TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48311TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48311TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48311TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48311TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48311TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48311TL/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
FREQUENCY (Hz)
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
FREQUENCY (Hz)
0
0.5
1
1.5
2
2.5
3
3.5
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
THD + N = 1%
THD + N = 10%
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
THD + N = 1%
THD + N = 10%
0
100
200
300
400
0
500
1000
1500
2000
2500
OUTPUT POWER (mW)
VDD = 5V
VDD = 3.6V
VDD = 2.5V
0
25
50
75
100
125
150
0
250
500
750
1000
1250
1500
OUTPUT POWER (mW)
VDD = 5V
VDD = 3.6V
VDD = 2.5V
LM48311
SNAS484B – JUNE 2009 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
For all performance graphs, the Output Gains are set to 0dB, unless otherwise noted.
Power Dissipation vs Output Power
Power Dissipation vs Output Power
f = 1kHz, RL = 4Ω
f = 1kHz, RL = 8Ω
Figure 17.
Figure 18.
Output Power vs Supply Voltage
Output Power vs Supply Voltage
f = 1kHz, RL = 4Ω
f = 1kHz, RL = 8Ω
Figure 19.
Figure 20.
CMRR vs Frequency
PSRR vs Frequency
VDD= 5.0V, VRIPPLE = 1VP-P, RL = 8Ω
VDD= 5.0V, VRIPPLE = 200mVP-P, RL = 8Ω
Figure 21.
Figure 22.
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM48311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com