| Electronic Components Datasheet Search |
|
DP8464BV-2 Datasheet(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8464BV-2 Datasheet(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 26 page ![]() Pulse Pairing Set Up Transformer (T1) is Tektronix CT-2 current probe or equivalent TLF5283 – 3 DP8464B f e 25 MHz VIN e 40 mVpp differential VREF e 050V CD e 50 pF RD e 430X Filter R1 e 240X R2 e 680X C1 e 15 pF C2 e 100 pF L1 e 47 mH This is a 3 pole Bessel with the corner frequency at 75 MHz TLF5283 – 4 Pulse Pairing Measurement Connect a scope probe to pin 14 (Encoded Data Out) and trigger off its positive edge Adjust the trigger holdoff so the scope first triggers off the pulse associated with the positive peak and then off the pulse associated with the negative peak (as shown in the scope photo below) Pulse pairing is displayed on the second pair of pulses on the display If the second pulses are separated by 4 ns then the pulse pairing for this part is g2 ns Circuit Operation The output from the readwrite amplifier is AC coupled to the Amp Input of the DP8464B The amplifier’s output volt- age is fed back via an external filter to an internal fullwave rectifier and compared against the external voltage on the VREF pin The AGC circuit adjusts the gain of the amplifier to make the peak to peak differential voltage on the Gate Channel Input four times the DC voltage on VREF Typically the signal on Amp Out will be set for 4 Vpp differential Since the filter usually hasa6dB loss the signal on the Gate Channel Input will be 2 Vpp differential The user should therefore set 05V on VREF which can be done with a simple voltage divider from the a12V supply The peak detection is performed by feeding the output of the Amplifier through an external filter to the differentiator The differentiator output changes state when the input pulse changes direction generally this will be at the peaks How- ever if the signal exhibits shouldering (the tendency to re- turn to the baseline) the differentiator will also respond to noise near the baseline To avoid this problem the signal is also fed to a gating channel which is used to define a level either side of the baseline This gating channel is comprised 4 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |