Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM640 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 44Page - Texas Instruments TMS320DM640 Datasheet HTML 45Page - Texas Instruments TMS320DM640 Datasheet HTML 46Page - Texas Instruments TMS320DM640 Datasheet HTML 47Page - Texas Instruments TMS320DM640 Datasheet HTML 48Page - Texas Instruments TMS320DM640 Datasheet HTML 49Page - Texas Instruments TMS320DM640 Datasheet HTML 50Page - Texas Instruments TMS320DM640 Datasheet HTML 51Page - Texas Instruments TMS320DM640 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 171 page
background image
Pin Assignments
48
June 2003 − Revised August 2004
SPRS222C
Table 1−6. Terminal Functions (Continued)
SIGNAL
DESCRIPTION
IPD/
IPU‡
TYPE†
NAME
DESCRIPTION
IPD/
IPU‡
TYPE†
DM640
DM641
EMIFA (32-BIT) − DATA (CONTINUED)
AED13
A20
A20
AED12
D20
D20
AED11
B20
B20
AED10
C20
C20
AED9
A21
A21
AED8
D21
D21
AED7
B21
B21
I/O/Z
IPU
EMIFA external data
AED6
C21
C21
I/O/Z
IPU
EMIFA external data
AED5
A23
A23
AED4
C22
C22
AED3
B22
B22
AED2
B23
B23
AED1
A24
A24
AED0
B24
B24
MANAGEMENT DATA INPUT/OUTPUT (MDIO)
MDCLK
R5
R5
I/O/Z
IPD
MDIO serial clock input/output (I/O/Z).
MDIO
P5
P5
I/O/Z
IPU
MDIO serial data input/output (I/O/Z).
VCX0 INTERPOLATED CONTROL PORT (VIC)
VDAC
AD1
AD1
O/Z
IPD
VCXO Interpolated Control Port (VIC) single-bit digital-to-analog converter
(VDAC) output [output only].
VIDEO PORTS (VP0 [DM641/DM640] AND VP1 [DM641 ONLY])
STCLK
AC1
AC1
I
IPD
The STCLK signal drives the hardware counter on the video ports.
8-BIT VIDEO PORT 1 (VP1) [DM641 ONLY]
VP1D[7]
AC8
—
Video port 1 (VP1) data input/output (I/O/Z) or McBSP1 data input/output
VP1D[6]/CLKR1§
AD8
***
Video port 1 (VP1) data input/output (I/O/Z) or McBSP1 data input/output
(I/O/Z) [default] [DM641 only]
VP1D[5]/FSR1§
AC7
***
(I/O/Z) [default] [DM641 only]
*** − The DM640 device does not support the VP1 peripheral; therefore, the
VP1D[4]/DR1§
AD7
***
I/O/Z
IPD
*** − The DM640 device does not support the VP1 peripheral; therefore, the
McBSP1 peripheral pins are standalone peripheral functions, not muxed.
VP1D[3]/CLKS1§
AE7
***
I/O/Z
IPD
McBSP1 peripheral pins are standalone peripheral functions, not muxed.
VP1D[2]/DX1§
AC6
***
For more details on the McBSP1 pin functions [for both the DM641 and
DM640 devices], see McBSP1 section of this table and the Device
VP1D[1]/FSX1§
AD6
***
For more details on the McBSP1 pin functions [for both the DM641 and
DM640 devices], see McBSP1 section of this table and the Device
Configurations section of this data sheet.
VP1D[0]/CLKX1§
AE6
***
Configurations section of this data sheet.
VP1CLK1
AF10
—
I/O/Z
IPD
VP1 clock 1 (I/O/Z)
VP1CLK0
AF8
—
I
IPD
VP1 clock 0 (I)
VP1CTL2
AD5
—
VP1 control 2 (I/O/Z)
VP1CTL1
AE5
—
I/O/Z
IPD
VP1 control 1 (I/O/Z)
VP1CTL0
AF4
—
I/O/Z
IPD
VP1 control 0 (I/O/Z)
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used.)
§ These pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com