Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM640 Datasheet(PDF) 163 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 163 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 159Page - Texas Instruments TMS320DM640 Datasheet HTML 160Page - Texas Instruments TMS320DM640 Datasheet HTML 161Page - Texas Instruments TMS320DM640 Datasheet HTML 162Page - Texas Instruments TMS320DM640 Datasheet HTML 163Page - Texas Instruments TMS320DM640 Datasheet HTML 164Page - Texas Instruments TMS320DM640 Datasheet HTML 165Page - Texas Instruments TMS320DM640 Datasheet HTML 166Page - Texas Instruments TMS320DM640 Datasheet HTML 167Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 171 page
background image
Timer
163
June 2003 − Revised August 2004
SPRS222C
4.17
Timer
The C6000
 DSP device has 32-bit general-purpose timers that can be used to:
•
Time events
•
Count events
•
Generate pulses
•
Interrupt the CPU
•
Send synchronization events to the DMA
The timers have two signaling modes and can be clocked by an internal or an external source. The timers have
an input pin and an output pin. The input and output pins (TINP and TOUT) can function as timer clock input
and clock output. They can also be respectively configured for general-purpose input and output.
With an internal clock, for example, the timer can signal an external A/D converter to start a conversion, or
it can trigger the DMA controller to begin a data transfer. With an external clock, the timer can count external
events and interrupt the CPU after a specified number of events.
4.17.1
Timer Device-Specific Information
The DM641/DM640 device has a total of three 32-bit general-purpose timers (Timer0, Timer1, and Timer2).
Timer2 is not externally pinned out.
For more detailed information, see the TMS320C6000 DSP 32-Bit Timer Reference Guide (literature number
SPRU582).
4.17.2
Timer Peripheral Register Description(s)
Table 4−74. Timer 0 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
0194 0000
CTL0
Timer 0 control register
Determines the operating mode of the timer, monitors the
timer status, and controls the function of the TOUT pin.
0194 0004
PRD0
Timer 0 period register
Contains the number of timer input clock cycles to count.
This number controls the TSTAT signal frequency.
0194 0008
CNT0
Timer 0 counter register
Contains the current value of the incrementing counter.
0194 000C − 0197 FFFF
−
Reserved
Table 4−75. Timer 1 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
0198 0000
CTL1
Timer 1 control register
Determines the operating mode of the timer, monitors the
timer status, and controls the function of the TOUT pin.
0198 0004
PRD1
Timer 1 period register
Contains the number of timer input clock cycles to count.
This number controls the TSTAT signal frequency.
0198 0008
CNT1
Timer 1 counter register
Contains the current value of the incrementing counter.
0198 000C − 019B FFFF
−
Reserved
Table 4−76. Timer 2 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
01AC 0000
CTL2
Timer 2 control register
Determines the operating mode of the timer, monitors the
timer status.
01AC 0004
PRD2
Timer 2 period register
Contains the number of timer input clock cycles to count.
This number controls the TSTAT signal frequency.
01AC 0008
CNT2
Timer 2 counter register
Contains the current value of the incrementing counter.
01AC 000C − 01AF FFFF
−
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com