Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3485 Datasheet(PDF) 4 Page - Exar Corporation

Part # SP3485
Description  3.3V Low Power Half-Duplex RS-485 Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3485 Datasheet(HTML) 4 Page - Exar Corporation

  SP3485 Datasheet HTML 1Page - Exar Corporation SP3485 Datasheet HTML 2Page - Exar Corporation SP3485 Datasheet HTML 3Page - Exar Corporation SP3485 Datasheet HTML 4Page - Exar Corporation SP3485 Datasheet HTML 5Page - Exar Corporation SP3485 Datasheet HTML 6Page - Exar Corporation SP3485 Datasheet HTML 7Page - Exar Corporation SP3485 Datasheet HTML 8Page - Exar Corporation SP3485 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7000 • www.exar.com
SP3485_200_051916
PIN FUNCTION
Pin 1 - RO - Receiver output
Pin 2 - RE - Receiver Output Enable Active LOW
Pin 3 - DE - Driver Output Enable Active HIGH
Pin 4 - DI - Driver Input
Pin 5 - GND - Ground Connection
Pin 6 - A - Non-Inverting Driver Output/Receiver Input
Pin 7 - B - Inverting Driver Output/Receiver Input
Pin 8 - Vcc - Positive Supply
Pin Function SP3485
ELECTRICAL CHARACTERISTICS
T
AMB = TMIN to TMAX and VCC = +3.3V +/-5% unless otherwise noted.
Notes:
1. The transceivers are put into shutdown by bringing RE High and DE Low simultaneously for at least 600ns. If the control inputs are in this state
for less than 50ns, the device is guaranteed to not enter shutdown. If the enable inputs are held in this state for at least 600ns the device is
assured to be in shutdown. Note that the receiver and driver enable times increase significantly when coming out of shutdown.
2. This spec is guaranteed by design and bench characterization.
PARAMETERS
MIN.
TYP.
MAX.
UNITS CONDITIONS
Receiver Enable from
Shutdown to Output High, t
PRSH
1800
ns
C
L = 15pF, RL = 1kΩ.
Figures 7 and 13
Receiver Enable from
Shutdown to Output Low, t
PRSL
1800
ns
Time to Shutdown, t
SHDN
50
200
600
ns
Notes 1 and 2
POWER REQUIREMENTS
Supply Current , No Load
425
2000
µA
RE, DI = 0V or V
CC ; DE = VCC
Supply Current , No Load
300
1500
µA
RE = 0V, DI = 0V or V
CC, DE = 0V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com