Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C109B Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C109B
Description  128K x 8 Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C109B Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C109B Datasheet HTML 1Page - Cypress Semiconductor CY7C109B Datasheet HTML 2Page - Cypress Semiconductor CY7C109B Datasheet HTML 3Page - Cypress Semiconductor CY7C109B Datasheet HTML 4Page - Cypress Semiconductor CY7C109B Datasheet HTML 5Page - Cypress Semiconductor CY7C109B Datasheet HTML 6Page - Cypress Semiconductor CY7C109B Datasheet HTML 7Page - Cypress Semiconductor CY7C109B Datasheet HTML 8Page - Cypress Semiconductor CY7C109B Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CY7C109B
CY7C1009B
Document #: 38-05038 Rev. **
Page 4 of 12
Switching Characteristics[5] Over the Operating Range
7C109B-12
7C1009B-12
7C109B-15
7C1009B-15
Parameter
Description
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
12
15
ns
tAA
Address to Data Valid
12
15
ns
tOHA
Data Hold from Address Change
3
3
ns
tACE
CE1 LOW to Data Valid, CE2 HIGH to Data
Valid
12
15
ns
tDOE
OE LOW to Data Valid
6
7
ns
tLZOE
OE LOW to Low Z
0
0
ns
tHZOE
OE HIGH to High Z[6, 7]
67
ns
tLZCE
CE1 LOW to Low Z, CE2 HIGH to Low Z
[7]
33
ns
tHZCE
CE1 HIGH to High Z, CE2 LOW to High Z
[6, 7]
67
ns
tPU
CE1 LOW to Power-Up, CE2 HIGH to
Power-Up
00
ns
tPD
CE1 HIGH to Power-Down, CE2 LOW to
Power-Down
12
15
ns
WRITE CYCLE[8]
tWC
Write Cycle Time[9]
12
15
ns
tSCE
CE1 LOW to Write End, CE2 HIGH to Write End
10
12
ns
tAW
Address Set-Up to Write End
10
12
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Set-Up to Write Start
0
0
ns
tPWE
WE Pulse Width
10
12
ns
tSD
Data Set-Up to Write End
7
8
ns
tHD
Data Hold from Write End
0
0
ns
tLZWE
WE HIGH to Low Z[7]
33
ns
tHZWE
WE LOW to High Z[6, 7]
67
ns
Notes:
5.
Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 30-pF load capacitance.
6.
tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
7.
At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
8.
The internal write time of the memory is defined by the overlap of CE1 LOW, CE2 HIGH, and WE LOW. CE1 and WE must be LOW and CE2 HIGH to initiate a write, and
the transition of any of these signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write.
9.
The minimum write cycle time for Write Cycle No. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com