Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4935RL/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM4935RL/NOPB
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RL/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4935RL/NOPB Datasheet HTML 2Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 3Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 4Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 5Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 6Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 7Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 8Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 9Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
LM4935, LM4935RLEVAL
SNAS296E – OCTOBER 2005 – REVISED MAY 2013
www.ti.com
Table 2-1. PIN DESCRIPTIONS
Pin
Pin Name
Type
Direction
Description
A1
EP_NEG
Analog
Output
Earpiece negative output
A2
A_VDD
Supply
Input
Headphone and mixer VDD
A3
INT_MIC_POS
Analog
Input
Internal microphone positive input
A4
EXT_MIC
Analog
Input
External microphone input
A5
VSAR2
Analog
Input
Input to SAR channel 2
A6
VSAR1
Analog
Input
Input to SAR channel 1
A7
PLL_VSS
Supply
Input
PLL VSS
B1
A_VSS
Supply
Input
Headphone and mixer VSS
B2
EP_POS
Analog
Output
Earpiece positive output
B3
INT_MIC_NEG
Analog
Input
Internal microphone negative input
B4
BYPASS
Analog
Inout
A_VDD/2 filter point
B5
TEST_MODE/CS
Digital
Input
If SPI_MODE = 1, then this pin becomes CS. If SPI_MODE = 0,
and TEST_MODE/CS = 1, then this places the LM4935 into test
mode.
B6
PLL_FILT
Analog
Inout
Filter point for PLL VCO input
B7
PLL_VDD
Supply
Input
PLL VDD
C1
HP_R
Analog
Output
Headphone Right Output
C2
EXT_BIAS
Analog
Output
External microphone supply (2.0/2.5/2.8/3.3V)
C3
INT_BIAS
Analog
Output
2.0V/2.5V ultra-clean supply for internal microphone
C4
AUX_R
Analog
Input
Right Analog Input
C5
GPIO_2
Digital
Inout
General Purpose I/O 2
C6
SDA
Digital
Inout
Control Data, I2C_SDA or SPI_SDI
C7
SCL
Digital
Input
Control Clock, I2C_SCL or SPI_SCK
D1
HP_L
Analog
Output
Headphone Left Output
D2
VREF_FLT
Analog
Inout
Filter point for the microphone power supply
D3
AUX_L
Analog
Input
Left Analog Input
D4
SPI_MODE
Digital
Input
Control mode select 1 = SPI, 0 = I2C (or test)
D5
GPIO_1
Digital
Inout
General Purpose I/O 1
D6
BB_VDD
Supply
Input
Baseband VDD for the digital I/Os
D7
D_VDD
Supply
Input
Digital VDD
E1
HP_VMID
Analog
Inout
Virtual Ground for Headphones in OCL mode, otherwise 1st headset
detection input
E2
HP_VMID_FB
Analog
Inout
VMID Feedback in OCL mode, otherwise a 2nd headset detection
input
E3
MIC_DET
Analog
Input
Headset insertion/removal and Microphone presence detection input
E4
CPI_NEG
Analog
Input
Cell Phone analog input negative
E5
IRQ
Digital
Output
Interrupt request signal (NOT open drain)
E6
I2S_SDO
Digital
Output
I2S Serial Data Out
E7
I2S_SDI
Digital
Input
I2S Serial Data Input
F1
LS_VDD
Supply
Input
Loudspeaker VDD
F2
LS_VDD
Supply
Input
Loudspeaker VDD
F3
CPI_POS
Analog
Input
Cell Phone analog input positive
F4
CPO_NEG
Analog
Output
Cell Phone analog output negative
F5
AUX_OUT_NEG
Analog
Output
Auxiliary analog output negative
F6
I2S_WS
Digital
Inout
I2S Word Select Signal (can be master or slave)
F7
I2S_CLK
Digital
Inout
I2S Clock Signal (can be master or slave)
G1
LS_POS
Analog
Output
Loudspeaker positive output
G2
LS_VSS
Supply
Input
Loudspeaker VSS
G3
LS_NEG
Analog
Output
Loudspeaker negative output
6
Device Information
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com