Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMIF04-2005QCF Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF04-2005QCF
Description  EMI FILTER INCLUDING ESD PROTECTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF04-2005QCF Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF04-2005QCF Datasheet HTML 1Page - STMicroelectronics EMIF04-2005QCF Datasheet HTML 2Page - STMicroelectronics EMIF04-2005QCF Datasheet HTML 3Page - STMicroelectronics EMIF04-2005QCF Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EMIF04-2005QCF
2/4
Symbol
Parameter and test conditions
Value
Unit
V
PP
ESD discharge
EC61000-4-2 air discharge
IEC61000-4-2 contact discharge
±15
±8
kV
T
j
Junction temperature
125
°C
T
stg
Storage temperature range
-55 + 150
°C
T
op
Operating temperature range
-40 to + 85
°C
T
L
Maximum lead temperature for soldering during 10s at 5mm from case
260
°C
ABSOLUTE RATINGS (Tamb = 25°C)
Symbol
Parameter
V
BR
Breakdown voltage
I
RM
Leakage current @ V
RM
V
RM
Stand-off voltage
V
CL
Clamping voltage
I
PP
Peak pulse current
αT
Voltage temperature coefficient
V
F
Forward voltage drop
ELECTRICAL CHARACTERISTICS (T
amb =25°C)
VBR
IPP
Slope = 3/Rd
VRM
VF
IF
I
IRM
V
VCL
Symbol
Test conditions
Min.
Typ.
Max.
Unit
V
BR
I
R =1mA
6
8
10
V
I
RM
V
RM = 3V per line
500
µA
Rd
I
PP = 10A, tp = 2.5µs (see note 1)
1
Ω
R
I/O
180
200
220
Ω
C
in
@ 0V bias
45
50
pF
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
Aplac 7.62 User: STMicroelectronics
Emif04: S21(dB) response
100.0k
1.0M
10.0M
100.0M
1.0G
f/Hz
100.0k
1.0M
10.0M
100.0M
1.0G
100.0k
1.0M
10.0M
100.0M
1.0G
f/Hz
f/Hz
EMIF04-2005QCF
Fig. 1: Filtering behavior.
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
V (V)
R
CLine(pF)
C(V)
Fig. 2: Capacitance versus reverse applied voltage.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com