Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4954TL/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM4954TL/NOPB
Description  Audio Power Amplifier Series High Voltage 3 Watt Audio Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4954TL/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM4954TL/NOPB Datasheet HTML 1Page - Texas Instruments LM4954TL/NOPB Datasheet HTML 2Page - Texas Instruments LM4954TL/NOPB Datasheet HTML 3Page - Texas Instruments LM4954TL/NOPB Datasheet HTML 4Page - Texas Instruments LM4954TL/NOPB Datasheet HTML 5Page - Texas Instruments LM4954TL/NOPB Datasheet HTML 6Page - Texas Instruments LM4954TL/NOPB Datasheet HTML 7Page - Texas Instruments LM4954TL/NOPB Datasheet HTML 8Page - Texas Instruments LM4954TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM4954
www.ti.com
SNAS292B – JUNE 2005 – REVISED APRIL 2013
LM4954 Boomer™ Audio Power Amplifier Series High Voltage 3 Watt Audio Power
Amplifier
Check for Samples: LM4954
1
FEATURES
DESCRIPTION
The LM4954 is an audio power amplifier primarily
23
•
No Output Coupling Capacitors, Snubber
designed
for
demanding
applications
in
mobile
Networks or Bootstrap Capacitors Required
phones and other portable communication device
•
Unity Gain Stable
applications. It is capable of delivering 2.4 Watts of
•
Externally Configurable Gain
continuous average power to an 8
Ω BTL load with
less than 1% THD+N from a 7VDC power supply.
•
Ultra Low Current Active Low Shutdown Mode
Boomer
audio
power
amplifiers
are
designed
•
BTL Output can Drive Capacitive Loads Up to
specifically to provide high quality output power with a
100pF
minimal
number
of
external
components.
The
•
“Click and Pop” Suppression Circuitry
LM4954 does not require output coupling capacitors
•
2.7V - 9.0V Operation
or bootstrap capacitors, and therefore is ideally suited
for lower-power portable applications where minimal
•
Available in Space-Saving DSBGA Package
space
and
power
consumption
are
primary
requirements.
APPLICATIONS
The LM4954 features a low-power consumption
•
Mobile Phones
global shutdown mode which is achieved by driving
•
PDAs
the shutdown pin with logic low. Additionally, the
LM4954
features
an
internal
thermal
shutdown
KEY SPECIFICATIONS
protection mechanism.
•
Wide Power Supply Voltage Range, 2.7
≤ VDD ≤
The LM4954 contains advanced pop & click circuitry
9V
which eliminates noises that would otherwise occur
•
Output Power: VDD = 7V, 1% THD+N, 2.4W
during turn-on and turn-off transitions.
(Typ)
The
LM4954
is
unity-gain
stable
and
can
be
•
Quiescent Power Supply Current, 3mA (Typ)
configured by external gain-setting resistors.
•
PSRR: VDD = 5V and 3V at 217Hz, 80dB (Typ)
•
Shutdown Power Supply Current, 0.01µA (Typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Boomer is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4954TL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4954TL/NOPB TI2-LM4954TL/NOPB Datasheet
952Kb / 23P
LM4954 Boomer™ Audio Power Amplifier Series High Voltage 3 Watt Audio Power Amplifier
REVISED APRIL 2013
LM4954TL/NOPB.A TI2-LM4954TL/NOPB.A Datasheet
952Kb / 23P
LM4954 Boomer™ Audio Power Amplifier Series High Voltage 3 Watt Audio Power Amplifier
REVISED APRIL 2013
More results

Similar Description - LM4954TL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2002 NSC-LM2002 Datasheet
131Kb / 4P
8 Watt Audio Power Amplifier
LM4907 NSC-LM4907 Datasheet
1Mb / 17P
1 Watt Audio Power Amplifier
LM4954 NSC-LM4954 Datasheet
975Kb / 16P
HIgh Voltage 3 Watt Audio Power Amplifier
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_13 Datasheet
1Mb / 17P
2.7 Watt Audio Power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
1.1 Watt Audio Power Amplifier
LM4781 TI1-LM4781 Datasheet
1Mb / 31P
Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
LM4804 TI1-LM4804 Datasheet
1Mb / 22P
Audio Power Amplifier SerieLow Voltage High Power Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com