Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5025ASDX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5025ASDX/NOPB
Description  Active Clamp Voltage Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5025ASDX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM5025ASDX/NOPB Datasheet HTML 1Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 2Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 3Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 4Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 5Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 6Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 7Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 8Page - Texas Instruments LM5025ASDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
RAMP
CS1
CS2
TIME
REF
VCC
OUT_A
VIN
RT
COMP
SS
AGND
PGND
OUT_B
SYNC
UVLO
14
13
12
11
10
8
9
15
16
1
2
3
4
5
7
6
LM5025A
UVLO
PGND AGND
COMP
OUT_A
OUT_B
VCC
SS
Rt
SYNC
REF
TIME
RAMP
CS1
VIN
VIN
35 - 78V
VOUT
3.3V
UP/DOWN
SYNC
ERROR
AMP &
ISOLATION
CS2
LM5025A
SNVS293E – DECEMBER 2004 – REVISED MARCH 2013
www.ti.com
Typical Application Circuit
Figure 1. Simplified Active Clamp Forward Power Converter
Connection Diagram
Figure 2. 16-Lead TSSOP, WSON
Table 1. PIN DESCRIPTION
Pin
Name
Description
Application Information
1
VIN
Source Input Voltage
Input to start-up regulator. Input range 13V to 90V, with transient
capability to 105V.
2
RAMP
Modulator ramp signal
An external RC circuit from Vin sets the ramp slope. This pin is
discharged at the conclusion of every cycle by an internal FET, initiated
by either the internal clock or the V*Sec Clamp comparator.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5025A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com