Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5051MA/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5051MA/NOPB
Description  Low Side OR-ing FET Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5051MA/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5051MA/NOPB Datasheet HTML 3Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 4Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 5Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 6Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 7Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 8Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 9Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 10Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
0
10
20
30
40
50
0
20
40
60
80
100
120
140
160
180
200
GATE CAPACITANCE, CGATE(nF)
+125°C
+25°C
-40°C
-50
-25
0
25
50
75
100 125
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TEMPERATURE (°C)
-50
-25
0
25
50
75
100 125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TEMPERATURE (°C)
-50
-25
0
25
50
75
100 125
0
20
40
60
80
100
120
140
160
180
200
TEMPERATURE (°C)
Cgate = 47 nF
Cgate = 10 nF
-1
0
1
2
3
4
-2
0
2
4
6
8
10
12
14
TIME (ms)
INN
INP/VSS
GATE
-50
0
50
100
150
200
250
-2
0
2
4
6
8
10
12
14
TIME (ns)
INN
INP/VSS
GATE
LM5051
www.ti.com
SNVS702D – OCTOBER 2011 – REVISED MARCH 2013
Typical Performance Characteristics
Unless otherwise stated: All conditions and measurements are referenced to device pin 7 (INP/VSS), VLINE = 48V, VOFF =
0.0V, VINN = -150 mV, CVCC = 0.1 µF, CGATE = 47 nF, and TJ = 25°C
Gate Charge Time, CGATE = 47 nF
GATE Discharge Time, tGATE(REV), CGATE = 47 nF
Figure 8.
Figure 9.
IGATE Discharge Current
Gate Discharge Time
vs
vs
Temperature, VGATE = 5.5V
Temperature
Figure 10.
Figure 11.
Gate Discharge Time
IGATE Charge Current
vs
vs
CGATE
Temperature, VGATE = 5.5V
Figure 12.
Figure 13.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com