Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP7650 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP7650
Description  Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7650 Datasheet(HTML) 1 Page - Exar Corporation

  SP7650 Datasheet HTML 1Page - Exar Corporation SP7650 Datasheet HTML 2Page - Exar Corporation SP7650 Datasheet HTML 3Page - Exar Corporation SP7650 Datasheet HTML 4Page - Exar Corporation SP7650 Datasheet HTML 5Page - Exar Corporation SP7650 Datasheet HTML 6Page - Exar Corporation SP7650 Datasheet HTML 7Page - Exar Corporation SP7650 Datasheet HTML 8Page - Exar Corporation SP7650 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image

Date: /5/06
SP7650 Wide Input Voltage Range 3A, 300kHz, Buck Regulator
© Copyright 2006 Sipex Corporation
1
Date: 2/16/06
SP7650 Wide Input Voltage Range 3A, 300kHz, Buck Regulator
© Copyright 2006 Sipex Corporation
FEATURES
■
2.5V to 28V Step Down Achieved Using Dual Input
■
Output Voltage down to 0.8V
■
3A Output Capability
■
Built in Low RDSON Power Switches (40 m typ)
■
Highly Integrated Design, Minimal Components
■
300 kHz Fixed Frequency Operation
■
UVLO Detects Both VCC and VIN
■
Over Temperature Protection
■
Short Circuit Protection with Auto-Restart
■
Wide BW Amp Allows Type II or III Compensation
■
Programmable Soft Start
■
Fast Transient Response
■
High Efficiency: Greater than
95% Possible
■
Asynchronous Start-Up into a Pre-Charged Output
■
Small 7mm x 4mm DFN Package
■
U.S. Patent #6,922,041
The SP7650 is a synchronous step-down switching regulator optimized for high efficiency. The part is designed to be
especially attractive for dual supply, 12V or 24V distributed power systems stepped down with 5V used to power the
controller. This lower VCC voltage minimizes power dissipation in the part and is used to drive the top switch. The
SP7650 is designed to provide a fully integrated buck regulator solution using a fixed 300kHz frequency, PWM voltage
mode architecture. Protection features include UVLO, thermal shutdown and output short circuit protection. The
SP7650 is available in the space saving DFN package
.
TYPICAL APPLICATION CIRCUIT
Now Available in Lead Free Packaging
DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
BOTTOM VIEW
Heatsink Pad 1
Connect to Lx
Heatsink pad 2
Connect to GND
Heatsink pad 3
Connect to VIN
PGND
PGND
GND
VFB
COMP
UVIN
GND
SS
VIN
LX
LX
LX
LX
VCC
GND
GND
GND
BST
NC
LX
LX
LX
DFN PACKAGE
7mm x 4mm
SP7650
PGND
VIN
VIN
VIN
CBST
6800pF
L1
2.2uH, Irate=4.78A
C1
22uF
CVCC
2.2uF
U1
SP7650
PGND
1
PGND
2
PGND
3
GND
4
VFB
5
COMP
6
UVIN
7
GND
8
SS
9
VIN
10
VIN
11
VIN
12
VIN
13
LX
14
LX
15
LX
16
NC
17
BST
18
GND
19
GND
20
GND
21
VCC
22
LX
23
LX
24
LX
25
LX
26
DBST
CSS
47nF
CP1
22pF
3.3V
0-3A
RSET
21.5k ,1%
GND
C3
47uF
Notes:
12V
VIN
1. U1 Bottom-Side Layout should
have three contacts isolated from
one another:
Vin, SWNODE and GND.
SD101AWS
VOUT
RZ3
7.15k ,1%
CZ3
150pF
CZ2
1,000pF
R1
68.1k ,1%
RZ2
15k ,1%
CF1
100pF
fs=300Khz
+5V VCC
ENABLE
2. RSET=54.48/(Vout-0.8V)
(KOhm)
16V
6.3V
(note 2)
SP7650
Wide Input Voltage Range 3A,
300kHz, Buck Regulator Power Blox TM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
BOTTOM VIEW
Heatsink Pad 1
Connect to Lx
Heatsink Pad 2
Connect to GND
Heatsink Pad 3
Connect to VIN
PGND
PGND
GND
VFB
COMP
NC
LX
LX
LX
LX
VCC
BST
LX
LX
LX
DFN PACKAGE
7mm x 4mm
SP7650
PGND
SS
GND
GND
GND
Pin 27
Pin 28
Pin 29
UVIN
VIN
VIN
VIN
VIN
GND


Similar Part No. - SP7650

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7650 SIPEX-SP7650 Datasheet
121Kb / 12P
Wide Input Voltage Range 3A, 300kHz, Buck Regulator
SP7650 SIPEX-SP7650 Datasheet
355Kb / 10P
Evaluation Board Manual
SP7650EB SIPEX-SP7650EB Datasheet
355Kb / 10P
Evaluation Board Manual
SP7650ER SIPEX-SP7650ER Datasheet
355Kb / 10P
Evaluation Board Manual
SP7650ER-L/TR SIPEX-SP7650ER-L/TR Datasheet
121Kb / 12P
Wide Input Voltage Range 3A, 300kHz, Buck Regulator
More results

Similar Description - SP7650

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS650 TSC-TS650 Datasheet
55Kb / 4P
Buck Switching Regulator
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
Buck-Boost Regulator
03-Aug-09
logo
Sanken electric
NR121E SANKEN-NR121E Datasheet
552Kb / 12P
Buck Regulator
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
Synchronous Buck Regulator
logo
Exar Corporation
SP7651 EXAR-SP7651 Datasheet
1Mb / 15P
900kHz Buck Regulator
SP7653 EXAR-SP7653 Datasheet
822Kb / 15P
1.3MHz, Buck Regulator
logo
ON Semiconductor
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
Synchronous Buck Regulator
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
Buck-Boost Regulator
November 2016 Rev. 1.4
FAN53701 ONSEMI-FAN53701 Datasheet
320Kb / 13P
Synchronous Buck Regulator
January, 2017 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com