Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6652EB Datasheet(PDF) 1 Page - Exar Corporation

Part # SP6652EB
Description  1A, High Efficiency, Fixed 1.4 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6652EB Datasheet(HTML) 1 Page - Exar Corporation

  SP6652EB Datasheet HTML 1Page - Exar Corporation SP6652EB Datasheet HTML 2Page - Exar Corporation SP6652EB Datasheet HTML 3Page - Exar Corporation SP6652EB Datasheet HTML 4Page - Exar Corporation SP6652EB Datasheet HTML 5Page - Exar Corporation SP6652EB Datasheet HTML 6Page - Exar Corporation SP6652EB Datasheet HTML 7Page - Exar Corporation SP6652EB Datasheet HTML 8Page - Exar Corporation SP6652EB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image

Oct10-07 RevJ
SP6652 1A, High Efficiency, Current Mode PWM Buck Regulator
© 2007 Sipex Corporation
Solved by
TM
Features
1A Output Current
1.4MHz Constant Frequency Operation
97% Efficiency Possible
0.5µA (Max.) Shutdown Current
Adjustable Output Voltage
No External FETs or Schottky Diode Required
Uses Small Value Inductors and Ceramic
Output Capacitors
Low Dropout Operation: 100% Duty Cycle
Soft Start and Thermal Shutdown Protection
Easy Frequency Synchonization
Lead Free, RoHS Compliant package: l
Small (3mm X 3mm) 10 Pin DFN or MSOP
applications
Mobile Phones
PDAs
DSCs
MP3 Players
USB Devices
Point of Use Power
The SP6652 is a high efficiency, synchronous buck regulator ideal for portable applications
using one Li-Ion cell, with up to 1A of output current. The 1.4MHz switching frequency and
PWM control loop are optimized for a small value inductor and ceramic output capacitor,
for space constrained portable designs. In addition, the input voltage range of 2.7V to 5.5V;
excellent transient response, output accuracy, and ability to transition into 100% duty cycle
operation -- further extending useful battery life -- make the SP6652 a superior choice for
a wide range of portable power applications. A logic level shutdown control, external clock
synchronization, and forced-PWM or automatic control inputs are provided. Other features
include soft-start, over current protection and 140ºC over-temperature shutdown.
typical application circuit
Description
1A, High Efficiency, Fixed 1.4 MHz
Current Mode PWM Buck Regulator
VOUT
3.3V at 1A
10
µF
100k
340k
4.7
µH
VIN
10
µF
10nF
4k
1
2
3
4
5
10
9
8
7
6
SP6652
PGND
SGND
FB
COMP
SD
LX
PVIN
SVIN
SYNC
MODE
ENABLE
SHUTDOWN
3.6V - 5.5V
10
1
µF
sp6652
SP6652
10 Pin DFN
10
9
8
7
6
1
2
3
4
5
P
GND
S
GND
FB
COMP
SD
LX
P
VIN
S
VIN
SYNC
MODE


Similar Part No. - SP6652EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6652EB SIPEX-SP6652EB Datasheet
87Kb / 4P
Evaluation Board Manual
More results

Similar Description - SP6652EB

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
HER101 LRC-HER101 Datasheet
61Kb / 2P
1A HIGH EFFICIENCY GPP DIODES
logo
Sipex Corporation
SP6652 SIPEX-SP6652_07 Datasheet
1Mb / 16P
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
logo
Microchip Technology
MCP1612 MICROCHIP-MCP1612 Datasheet
315Kb / 22P
Single 1A, 1.4 MHz Synchronous Buck Regulator
2005
logo
Silicon Standard Corp.
HER1001 SSC-HER1001 Datasheet
404Kb / 2P
1A Axial High Efficiency Rectifier
logo
Microchip Technology
MCP1612 MICROCHIP-MCP1612_13 Datasheet
333Kb / 22P
Single 1A, 1.4 MHz Synchronous Buck Regulator
2004-2013
MCP1612T-ADJI MICROCHIP-MCP1612T-ADJI Datasheet
249Kb / 22P
Single 1A, 1.4 MHz Synchronous Buck Regulator
08/24/05
logo
List of Unclassifed Man...
ZSPM4011B ETC2-ZSPM4011B Datasheet
1Mb / 23P
High Efficiency 1A Synchronous Buck Converter
logo
Cyntec Co., Ltd.
VUN12AD01-SH CYNTEC-VUN12AD01-SH Datasheet
779Kb / 15P
1A, High Efficiency Automotive uPOL Module
logo
List of Unclassifed Man...
DIO6011 ETC1-DIO6011 Datasheet
369Kb / 4P
High-Efficiency 1.5MHz, MHz, 1A Output Synchronous A Step Down Converter
Rev. 1.3
logo
Renesas Technology Corp
ZSPM4011B RENESAS-ZSPM4011B Datasheet
829Kb / 22P
High Efficiency 1A Synchronous Buck Converter
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com